Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM5914 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5914
Description  Synchronous charge and discharge mobile power SOC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5914 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5914 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5914 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5914 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5914 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5914 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5914 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5914 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
 
 
 
电气参数
无特殊说明,
VDD=5V,Ta=25℃
 
符号
参数
测试条件
最小值
典型值
最大值
单位
VDD
充电输入电压
 
4.6
5
5.3
V
针对
4.2V 规格
4.2
 
V
 
VBAT
预设充电电压
针对
4.35V 规格
4.35
 
V
 VRECHRG
再充电阈值电压
VBAT-VRECHRG
100
 
mV
IBAT
BAT 恒流充电电流
RISET=120Ω,恒流充电模式
 
2.0
 
A
ITRK
BAT 涓流充电电流
RISET=120Ω,涓流充电模式
180
 
mA
IFULL
BAT 截止充电电流
RISET=120Ω
150
 
mA
VTRK
涓流充电阈值电压
RISET=120Ω,VBAT 上升
2.9
 
V
VTRK_HYS
涓流充电滞回电压
RISET=120Ω
100
 
mV
TST
充电温度补偿阈值
 
110
 
℃
TZERO
充电零电流温度
 
130
 
℃
 
VUV_BAT
BAT 欠压锁定阈值电
压
VBAT 上升
 
 
3.2
 
 
V
VWN_BAT
BAT 低压报警电压
VBAT 下降
3.05
 
V
VBAT_END
BAT 放电终止电压
 
2.8
2.9
3.0
V
ISD_BAT
BAT 待机电流
VBAT=3.7V
25
60
uA
VDD 上升
130
 
mV
 
VSD
VDD-VBAT 锁定阈值
VDD 下降
60
 
mV
VOUT
升压输出电压
ILOAD=1A,VBAT=3.7V
4.8
5V
5.2
V
TSD
过温保护阈值
温度上升
150
 
℃
THYS
过温保护滞回
 
20
 
℃
INTC
NTC 输出电流
 
60
 
uA
VNTCH
NTC 高翻转电压
 
1.5
 
V
VNTCL
NTC 低翻转电压
 
0.3
 
V
VLIT
LIT 低电平电压
ILIT=100mA
0.6
 
V
ILEDx
LED1~LED4 驱动电流 BAT=4V
4
 
mA
FLEDx_C
LEDx 充电闪烁频率
 
1
 
Hz
FLED1_WN
LED1 低电闪烁频率
 
2
 
Hz
RON_CHRG
充电
PMOS 导通电阻
 
40
 
mΩ
RON_NMOS
放电
NMOS 导通电阻
 
40
 
mΩ
RON_PMOS
放电
PMOS 导通电阻
 
40
 
mΩ
FOSC
升压电路工作频率
 
450
550
650
KHz
同步充放电移动电源 SOC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com