Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSXT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # NSXT
Description  Glass Passivated General Purpose Plastic Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NSXT Datasheet(HTML) 2 Page - Vishay Siliconix

  NSXT Datasheet HTML 1Page - Vishay Siliconix NSXT Datasheet HTML 2Page - Vishay Siliconix NSXT Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NSxT, NSFxT, NSBxT
Vishay Semiconductors
formerly General Semiconductor
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
NS8
NS8
NS8
NS8
NS8
NS8
NS8
Parameter
Symbols
AT
BT
DT
GT
JT
KT
MT
Units
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
at TC=100°C
IF(AV)
8.0
A
Peak forward surge current
8.3ms single half sine-wave superimposed on
IFSM
125
A
rated load (JEDEC Method)
Operating junction and storage temperature range
TJ, TSTG
-55 to +150
°C
RMS Isolation voltage (NSF type only)
4500(1)
from terminals to heatsink
VISOL
3500(2)
V
with t = 1.0 second, RH
≤ 30%
1500(3)
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
NS8
NS8
NS8
NS8
NS8
NS8
NS8
Parameter
Symbols
AT
BT
DT
GT
JT
KT
MT
Units
Maximum instantaneous forward voltage at 8.0A
VF
1.1
V
Maximum DC reverse current
at rated DC blocking voltage
TC=25°C
IR
10
µA
TC=100°C
100
Typical junction capacitance at 4.0V, 1MHz
CJ
55
pF
Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbols
NSxT
NSFxt
NSBxt
Units
Typical thermal resistance (4)
R
ΘJC
3.0
5.0
3.0
°C/W
Notes:
(1) Clip mounting (on case), where lead does not overlap heatsink with 0.110” offset
(2) Clip mounting (on case), where leads do overlap heatsink
(3) Screw mounting with 4-40 screw, where washer diameter is
≤ 4.9mm (0.19”)
(4) Thermal resistance from junction to case mounted on heat sink
www.vishay.com
Document Number 88690
2
08-Jul-02



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com