Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM6202 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6202
Description  No capacitor CL low power current LDO linear regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6202 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6202 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6202 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6202 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6202 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6202 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
(4/5)
◆
( T
OPT=25℃)
符号
参数
测试条件
最小值
典型值
最大值
单位
VOUT
输出电压
VIN=5V,IOUT=1mA
3.51
3.6
3.69
V
IOUT
输出电流
VIN=5V
60
100
-
mA
△VOUT
负载调节
VIN=5V,1mA≤IOUT≤30mA
-
60
150
mV
VDIF
跌落电压
IOUT=1mA
-
100
-
mV
ISS
静态电流
VIN=5V,空载
-
2
3
µA
ΔVOUT /(ΔVIN * VOUT)
Line Regulation
4.6V≤VIN≤10V,IOUT=1mA
-
0.2
-
%/V
VIN
输入电压
-
-
-
10
V
ΔVOUT /ΔTa
温度系数
VIN=5V,IOUT=10mA,
0℃≤Ta≤70℃
-
+0.6
-
mV/℃
HM6202A36



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com