Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM6207 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6207
Description  Low dropout high ripple rejection CMOS voltage regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6207 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6207 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6207 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6207 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6207 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6207 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6207 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6207 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6207 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6207 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
■ 电学特性参数
项目
符号
条件
最小值
典型值
最大值
单位
测试
电路
输出电压
*1
VOUT(E)1
VIN =VOUT(S)+1.0 V, IOUT=30 mA
VOUT(S)
×0.99
VOUT(S)
VOUT(S)
×1.01
V
1
VOUT(E)2
VIN =VOUT(S)+1.0 V, IOUT=30 mA
VOUT(S)
×0.98
VOUT(S)
VOUT(S)
×1.02
V
输出电流*2
IOUT
VIN≥VOUT(S)+1.0 V
300
*5
—
—
mA
3
输入输出压差
*3
Vdrop
IOUT=100
mA
2.2 V
≤VOUT(S)≤2.5 V
—
0.30
0.49
V
1
2.6 V ≤VOUT(S)≤3.3 V
—
0.25
0.34
3.4
V ≤VOUT(S)≤5.5 V
—
0.20
0.28
输入稳定度
OUT
IN
OUT
V
V
V
1
VOUT(S)+0.5 V ≤VIN≤7 V
IOUT=80 mA
—
0.05
0.2
%/V
负载稳定度
2
OUT
V
VIN=VOUT(S)+1.0 V
1.0 mA ≤IOUT ≤80 mA
—
20
40
mV
输出电压
温度系数*4
OUT
OUT
V
Ta
V
VIN=VOUT(S)+1.0 V, IOUT=10 mA
-
40°C ≤ Ta ≤85°C
—
±100
—
ppm/℃
工作消耗电流
ISS1
VIN=VOUT(S)+1.0 V,
—
60
80
μA
2
输入电压
VIN
——
2.0
—
7
V
—
纹波抑制率
|PSRR|
VIN=VOUT(S)+1.0 V,f=1.0 kHz
Vrip=0.5 Vrms, IOUT=30 mA
—
55
—
dB
4
短路电流
Ishort
VIN=VOUT(S)+1.0 V,
VOUT=0 V
—
30
—
mA
3
*1. VOUT(S):设定输出电压值
VOUT(E)1:实际的输出电压值
固定 IOUT(=30 mA), 输入为 VOUT(S)+1.0 V 时的输出电压值
VOUT(E)2:实际的输出电压值
固定 IOUT(=80 mA), 输入为 VOUT(S)+1.0 V 时的输出电压值
*2. 缓慢增加输出电流,当输出电压为小于VOUT(E)1 的95%时的输出电流值
*3. Vdrop = VIN1-(VOUT3×0.98)
VOUT3: VIN = VOUT(S)+1.0 V, IOUT = 100 mA 时的输出电压值
VIN1: 缓慢下降输入电压,当输出电压降为VOUT3 的98%时的输入电压
*4. 输出电压的温度变化[mV/℃]按照如下公式算出:
a
OUT
T
V
[mV/℃]
*①=V
OUT(S)(V)
*②
OUT
a
OUT
V
T
V
[ppm/℃]
*③÷1000
*①. 输出电压的温度变化 *②. 设定输出电压值 *③. 上述输出电压的温度系数
*5. 意指能够得到此值为止的输出电流。由于封装容许功耗的不同,也有不能满足此值的情况发生。请注意在输出大电流时的封
装容许功耗,此规格为设计保证。
HM6207



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com