Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM6212 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6212
Description  0.7uA Ultra Low Power, Low Dropout, High Current Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6212 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6212 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6212 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6212 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6212 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6212 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6212 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6212 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6212 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6212 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
功能框图
R1
R2
REF
OUT
EA
VSS
VIN
CE
过流
保护
短路
保护
ON /OFF
控制
CL 放电
CE
ME6214
1.21V
模块功能示意图
绝对最大额定值
参数
符号
极限值
单位
输入脚电压
VIN
18
V
输出脚电流
IOUT
600
mA
输出脚电压
VOUT
Vss-0.3~VIN +0.3
V
CE 脚电压
VCE
Vss-0.3~VIN +0.3
V
允许最大功率
SOT23-3/5
PD
250
mW
SOT89-3
500
DFN2X2-6L
500
工作温度
TOPR
-
40~+125
℃
存储温度
TSTG
-
40~+150
℃
注意:绝对最大额定值是本产品能够承受的最大物理伤害极限值,请在任何情况下勿超出该额定值。
HM6212



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com