Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM6220 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6220
Description  Battery-powered equipment
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6220 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6220 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6220 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6220 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6220 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6220 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6220 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Electrical Characteristics
HM6220 for any output voltage
(Ta=25℃)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Voltage
Vout
Vin=Vout+1V
1.0mA≤Iout≤30mA
Vout×0.98
--
Vout×1.02
V
Output Current*1
Iout
Vin-Vout=1V
--
150
--
mA
Low dropout*2
Vdrop
Refer to the next table
Line Regulation
OUT
IN
OUT
V
V
V
1.6V≤Vin≤8V
Iout=100mA
--
0.05
0.2
%/V
Load Regulation
△Vout
Vin= Vout+1V
1.0mA≤Iout≤100mA
--
12
30
mV
Output voltage
Temperature
Coefficiency
Ta
V
OUT
Iout=30mA
0℃≤Ta≤70℃
--
±100
--
Ppm/℃
Supply Current
Iss1
--
--
2
--
uA
Input Voltage
Vin
--
--
--
15
V
Electrical Characteristics by Output Voltage:
Output Voltage Vout(V)
Dropout Voltage Vdif(V)
Conditions
Typ.
Max.
Vout ≤ 2.0V
Iout=60 mA
0.1
0.12
2.0 < Vout ≤ 3.0
Iout=80 mA
0.12
0.14
3.0 < Vout ≤ 4.0
Iout=100 mA
0.16
0.18
4.0 < Vout ≤ 5.0
0.17
0.18
HM6220



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com