Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9945 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9945
Description  CCD Signal Processor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9945 Datasheet(HTML) 2 Page - Analog Devices

  AD9945_13 Datasheet HTML 1Page - Analog Devices AD9945_13 Datasheet HTML 2Page - Analog Devices AD9945_13 Datasheet HTML 3Page - Analog Devices AD9945_13 Datasheet HTML 4Page - Analog Devices AD9945_13 Datasheet HTML 5Page - Analog Devices AD9945_13 Datasheet HTML 6Page - Analog Devices AD9945_13 Datasheet HTML 7Page - Analog Devices AD9945_13 Datasheet HTML 8Page - Analog Devices AD9945_13 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
REV.
–2–
AD9945–SPECIFICATIONS
GENERAL SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
TEMPERATURE RANGE
Operating
–20
+85
°C
Storage
–65
+150
°C
POWER SUPPLY VOLTAGE
Analog, Digital, Digital Driver
3.6
V
POWER CONSUMPTION
Normal Operation (DRVDD Power not Included)
mW
DRVDD Power Only (CLOAD = 20 pF)
10
mW
Power-Down Mode
1.5
mW
MAXIMUM CLOCK RATE
40
MHz
Specifications subject to change without notice.
DIGITAL SPECIFICATIONS
Parameter
Symbol
Min
Typ
Max
Unit
LOGIC INPUTS
High Level Input Voltage
VIH
2.1
V
Low Level Input Voltage
VIL
0.6
V
High Level Input Current
IIH
10
μA
Low Level Input Current
IIL
10
μA
Input Capacitance
CIN
10
pF
LOGIC OUTPUTS
High Level Output Voltage, IOH = 2 mA
VOH
2.2
V
Low Level Output Voltage, IOL = 2 mA
VOL
0.5
V
Specifications subject to change without notice.
(TMIN to TMAX, AVDD = DVDD = DRVDD= 3.0 V, fSAMP = 40 MHz, unless otherwise noted.)
C
(DRVDD = DVDD = 2.85 V, C = 20 pF, unless otherwise noted.)
L
160
2.85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com