Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12C0154AD Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # STC12C0154AD
Description  STC12C2052AD
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC12C0154AD Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button STC12C0154AD Datasheet HTML 31Page - List of Unclassifed Manufacturers STC12C0154AD Datasheet HTML 32Page - List of Unclassifed Manufacturers STC12C0154AD Datasheet HTML 33Page - List of Unclassifed Manufacturers STC12C0154AD Datasheet HTML 34Page - List of Unclassifed Manufacturers STC12C0154AD Datasheet HTML 35Page - List of Unclassifed Manufacturers STC12C0154AD Datasheet HTML 36Page - List of Unclassifed Manufacturers STC12C0154AD Datasheet HTML 37Page - List of Unclassifed Manufacturers STC12C0154AD Datasheet HTML 38Page - List of Unclassifed Manufacturers STC12C0154AD Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 71 page
background image
宏晶科技:www.MCU-Memory.com   Mobile:13922805190(姚永平)   Tel:0755-82948409    Fax: 0755-82944243
宏晶科技:专业单片机 / 存储器供应商   www.MCU-Memory.com   STC12C2052AD 系列 1T 8051 单片机中文指南
35
;本程序演示 EEPROM/IAP
;------------------------------------------------
;定义与 IAP 有关的特殊功能寄存器
ISP_DATA        EQU 0E2H
ISP_ADDRH       EQU 0E3H
ISP_ADDRL       EQU 0E4H
ISP_CMD         EQU 0E5H
ISP_TRIG        EQU 0E6H
ISP_CONTR       EQU 0E7H
;------------------------------------------------
;定义常量
;------------------------
;Flash  操作等待时间
;ENABLE_ISP      EQU 80H            ;<30MHz
;ENABLE_ISP      EQU 81H            ;<24MHz
 ENABLE_ISP      EQU 82H            ;<20MHz
;ENABLE_ISP      EQU 83H            ;<12MHz
;ENABLE_ISP      EQU 84H            ;<6MHz
;ENABLE_ISP      EQU 85H            ;<3MHz
;ENABLE_ISP      EQU 86H            ;<2MHz
;ENABLE_ISP      EQU 87H            ;<1MHz
DEBUG_DATA       EQU 5AH
;------------------------
;选择 MCU 型号
DATA_FLASH_START_ADDRESS EQU 1000H ;STC12C2052AD
;------------------------------------------------
    ORG   0000H
    AJMP  main
;------------------------------------------------
    ORG   0100H
main:
    MOV     P1,#0F0H      ;演示程序开始工作
    LCALL  Delay
;延时
    MOV     P1,#0FH
     ;演示程序开始工作
    LCALL  Delay
;延时
    MOV
 SP,  #0E0H
;堆栈指针指向 0E0H 单元
;************************************************
;读回写入 flash 的第 1 个字节
MAIN1:
    MOV     DPTR, #DATA_FLASH_START_ADDRESS
    LCALL   byte_read
    MOV     40H, A                ;值送 40H 单元保存
    CJNE    A, #DEBUG_DATA, DATA_NOT_EQU_DEBUG_DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com