Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE0254 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # STC12LE0254
Description  STC12C2052AD
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC12LE0254 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button STC12LE0254 Datasheet HTML 9Page - List of Unclassifed Manufacturers STC12LE0254 Datasheet HTML 10Page - List of Unclassifed Manufacturers STC12LE0254 Datasheet HTML 11Page - List of Unclassifed Manufacturers STC12LE0254 Datasheet HTML 12Page - List of Unclassifed Manufacturers STC12LE0254 Datasheet HTML 13Page - List of Unclassifed Manufacturers STC12LE0254 Datasheet HTML 14Page - List of Unclassifed Manufacturers STC12LE0254 Datasheet HTML 15Page - List of Unclassifed Manufacturers STC12LE0254 Datasheet HTML 16Page - List of Unclassifed Manufacturers STC12LE0254 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 71 page
background image
宏晶科技:www.MCU-Memory.com   Mobile:13922805190(姚永平)   Tel:0755-82948409    Fax: 0755-82944243
宏晶科技:专业单片机 / 存储器供应商   www.MCU-Memory.com   STC12C2052AD 系列 1T 8051 单片机中文指南
13
STC12C2052AD 系列 8051 单片机 定时器 特殊功能寄存器    Timer SFRs
Mnemonic Add
Name
 7
 6
 5
 4
 3
 2
 1
 0
Reset Value
TCON
88h
Timer / Counter 0 and 1 Control
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
0000,0000
TMOD
89h
Timer / Counter 0 and 1 Modes
GATE
GATE1
C/T#
C/T1#
M1
M1_1
M0
M1_0
GATE
GATE0
C/T#
C/T0#
M1
M0_1
M0
M0_0
0000,0000
TL0
8Ah
Timer / Counter 0 Low Byte
0000,0000
TH0
8Ch
Timer / Counter 0 High Byte
0000,0000
TL1
8Bh
Timer / Counter 1 Low Byte
0000,0000
TH1
8Dh
Timer / Counter 1 High Byte
0000,0000
AUXR
8Eh
Auxiliary  Register
T0x12 T1x12 UART_M0x6
EADCI
ESPI
EBODI
 -
 -
0000,00xx
STC12C2052AD 系列 8051 单片机 ISP/IAP 特殊功能寄存器    ISP/IAP SFRs
Mnemonic
Add Name
 7
 6
 5
 4
 3
 2
 1
 0
Reset Value
ISP_DATA
E2h ISP/IAP  Flash  Data  Register
1111,1111
ISP_ADDRH E3h ISP/IAP  Flash  Address  High
0000,0000
ISP_ADDRL E4h ISP/IAP  Flash  Address  Low
0000,0000
ISP_CMD
E5h ISP/IAP  Flash  Command  Register
 -
 -
 -
-
 -
-
MS1
MS0 xxxx,x000
ISP_TRIG
E6h ISP/IAP  Flash  Command  Trigger
xxxx,xxxx
ISP_CONTR E7h ISP/IAP  Control  Register
ISPEN SWBS SWRST  CMD_FAIL
 1
WT2
WT1
WT0 0000,1000
Mnemonic Add Name
  7
 6
 5
 4
 3
 2
1
 0
Reset value
CCON
D8h PCA Control Register
CF
 CR
-
-
-
-
CCF1
CCF0 00xx,xx00
CMOD
D9h PCA Mode Register
 CIDL
 -
 -
-
 -
 CPS1
CPS0
ECF
0xxx,x000
CCAPM0
DAh
PCA Module 0
Mode Register
-
ECOM0 CAPP0 CAPN0 MAT0
TOG0
PWM0
ECCF0 x000,0000
CCAPM1
DBh
PCA Module 1
Mode Register
-
ECOM1 CAPP1 CAPN1 MAT1
TOG1
PWM1
ECCF1 x000,0000
CL
E9h PCA Base Timer Low
0000,0000
CH
F9h PCA Base Timer High
0000,0000
CCAP0L
EAh
PCA Module-0 Capture
Register Low
0000,0000
CCAP0H
FAh
PCA Module-0 Capture
Register High
0000,0000
CCAP1L
EBh
PCA Module-1 Capture
Register Low
0000,0000
CCAP1H
FBh
PCA Module-1 Capture
Register High
0000,0000
PCA_PWM0 F2h
PCA PWM Mode
Auxiliary Register 0
-
-
-
-
-
-
EPC0H EPC0L xxxx,xx00
PCA_PWM1 F3h
PCA PWM Mode
Auxiliary Register 1
-
-
-
-
-
-
EPC1H EPC1L xxxx,xx00
STC12C2052AD 系列 8051 单片机 PCA/PWM 特殊功能寄存器    PCA/PWM SFRs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com