Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC32AX-I/MSG Datasheet(PDF) 12 Page - Microchip Technology

Part # 24LC32AX-I/MSG
Description  32KIC Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC32AX-I/MSG Datasheet(HTML) 12 Page - Microchip Technology

Back Button 24LC32AX-I/MSG Datasheet HTML 8Page - Microchip Technology 24LC32AX-I/MSG Datasheet HTML 9Page - Microchip Technology 24LC32AX-I/MSG Datasheet HTML 10Page - Microchip Technology 24LC32AX-I/MSG Datasheet HTML 11Page - Microchip Technology 24LC32AX-I/MSG Datasheet HTML 12Page - Microchip Technology 24LC32AX-I/MSG Datasheet HTML 13Page - Microchip Technology 24LC32AX-I/MSG Datasheet HTML 14Page - Microchip Technology 24LC32AX-I/MSG Datasheet HTML 15Page - Microchip Technology 24LC32AX-I/MSG Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
24AA32A/24LC32A
DS21713D-page 12
 2003 Microchip Technology Inc.
7.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 7-1.
TABLE 7-1:
PIN FUNCTION TABLE
7.1
A0, A1, A2 Chip Address Inputs
The A0, A1, A2 inputs are used by the 24XX32A for
multiple device operation. The levels on these inputs
are compared with the corresponding bits in the slave
address. The chip is selected if the compare is true.
Up to eight devices may be connected to the same bus
by using different Chip Select bit combinations. These
inputs must be connected to either VCC or VSS.
7.2
Serial Data (SDA)
SDA is a bidirectional pin used to transfer addresses
and data into and out of the device. It is an open-drain
terminal, therefore, the SDA bus requires a pull-up
resistor to VCC (typical 10 k
Ω for 100 kHz, 2 kΩ for
400 kHz)
For normal data transfer, SDA is allowed to change
only during SCL low. Changes during SCL high are
reserved for indicating Start and Stop conditions.
7.3
Serial Clock (SCL)
The SCL input is used to synchronize the data transfer
to and from the device.
7.4
Write-Protect (WP)
The WP pin can be connected to either VSS, VCC or left
floating. An internal pull-down resistor on this pin will
keep the device in the unprotected state if left floating.
If tied to VSS, or left floating, normal memory operation
is enabled (read/write the entire memory 000-FFF).
If tied to VCC, write operations are inhibited. Read
operations are not affected.
Name
PDIP
SOIC
TSSOP
MSOP
ROTATED
TSSOP
Description
A0
1
1
1
1
3
Chip Address Input
A1
2
2
2
2
4
Chip Address Input
A2
3
3
3
3
5
Chip Address Input
VSS
4
4
4
4
6
Ground
SDA
5
5
5
5
7
Serial Address/Data I/O
SCL
6
6
6
6
8
Serial Clock
WP
7
7
7
7
1
Write-Protect Input
VCC
8
8
8
8
2
+1.8V to 5.5V Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com