Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC32AX-E/MSG Datasheet(PDF) 1 Page - Microchip Technology

Part # 24LC32AX-E/MSG
Description  32KIC Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC32AX-E/MSG Datasheet(HTML) 1 Page - Microchip Technology

  24LC32AX-E/MSG Datasheet HTML 1Page - Microchip Technology 24LC32AX-E/MSG Datasheet HTML 2Page - Microchip Technology 24LC32AX-E/MSG Datasheet HTML 3Page - Microchip Technology 24LC32AX-E/MSG Datasheet HTML 4Page - Microchip Technology 24LC32AX-E/MSG Datasheet HTML 5Page - Microchip Technology 24LC32AX-E/MSG Datasheet HTML 6Page - Microchip Technology 24LC32AX-E/MSG Datasheet HTML 7Page - Microchip Technology 24LC32AX-E/MSG Datasheet HTML 8Page - Microchip Technology 24LC32AX-E/MSG Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
 2003 Microchip Technology Inc.
DS21713D-page 1
24AA32A/24LC32A
Device Selection Table
Features
• Single supply with operation down to 1.8V
• Low-power CMOS technology
- 1 mA active current typical
-1
µA standby current (max.) (I-temp)
• Organized as 4 blocks of 8K bits (32K bit)
• 2-wire serial interface bus, I2C™ compatible
• Cascadable for up to eight devices
• Schmitt Trigger inputs for noise suppression
• Output slope control to eliminate ground bounce
• 100 kHz (<2.5V) and 400 kHz (
≥2.5V)
compatibility
• Self-timed write cycle (including auto-erase)
• Page write buffer for up to 32 bytes
• 2 ms typical write cycle time for page write
• Hardware write-protect for entire memory
• Can be operated as a serial ROM
• Factory programming (QTP) available
• ESD protection > 4,000V
• 1,000,000 erase/write cycles
• Data retention > 200 years
• 8-lead PDIP, SOIC, TSSOP and MSOP packages
• Standard and Pb-free finishes available
• Available temperature ranges:
- Industrial (I): -40°C to +85°C
- Automotive (E): -40°C to +125°C
Description
The Microchip Technology Inc. 24AA32A/24LC32A
(24XX32A*) is a 32 Kbit Electrically Erasable PROM.
The device is organized as four blocks of 8K x 8-bit
memory with a 2-wire serial interface. Low-voltage
design permits operation down to 1.8V, with standby
and
active
currents
of
only
1
µA and 1 mA,
respectively. It has been developed for advanced, low-
power applications such as personal communications
or data acquisition. The 24XX32A also has a page write
capability for up to 32 bytes of data. Functional address
lines allow up to eight devices on the same bus, for up
to 256 Kbits address space. The 24XX32A is available
in the standard 8-pin PDIP, surface mount SOIC,
TSSOP and MSOP packages.
Package Types
Block Diagram
Part
Number
VCC
Range
Max Clock
Frequency
Temp
Ranges
24AA32A
1.8-5.5
400 kHz(1)
I
24LC32A
2.5-5.5
400 kHz
I, E
Note 1:
100 kHz for VCC <2.5V
A0
A1
A2
Vss
1
2
3
4
8
7
6
5
Vcc
WP
SCL
SDA
PDIP/SOIC/TSSOP/MSOP
WP
Vcc
A0
A1
SCL
SDA
Vss
A2
1
2
3
4
8
7
6
5
ROTATED TSSOP
(24AA32AX/24LC32AX)
HV Generator
EEPROM
Array
Page Latches
YDEC
XDEC
Sense Amp.
R/W Control
I/O
Control
Logic
I/O
Memory
Control
Logic
A0
A1
WP
A2
SCL
SDA
Vcc
VSS
32K I2C™ Serial EEPROM
*24XX32A is used in this document as a generic part number for the 24AA32A/24LC32A devices.


Similar Part No. - 24LC32AX-E/MSG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC32AX-E/MS MICROCHIP-24LC32AX-E/MS Datasheet
1,019Kb / 42P
32K I2C??Serial EEPROM
2010
More results

Similar Description - 24LC32AX-E/MSG

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G256-3 ROHM-BR24G256-3 Datasheet
490Kb / 33P
Serial EEPROM Series Standard EEPROM
BR24G01-3A ROHM-BR24G01-3A Datasheet
846Kb / 36P
Serial EEPROM series Standard EEPROM
BR25H040-2C ROHM-BR25H040-2C Datasheet
1Mb / 35P
Serial EEPROM Series Automotive EEPROM
BR25H640-2C ROHM-BR25H640-2C Datasheet
952Kb / 34P
Serial EEPROM Series Automotive EEPROM
BR93G46-3A ROHM-BR93G46-3A Datasheet
943Kb / 39P
Serial EEPROM series Standard EEPROM
BR93H56RF-2LB ROHM-BR93H56RF-2LB Datasheet
927Kb / 28P
Serial EEPROM Series Industrial EEPROM Serial EEPROM Series Industrial EEPROM
logo
Catalyst Semiconductor
CAT24WC08W CATALYST-CAT24WC08W Datasheet
2Mb / 14P
Serial EEPROM
logo
Rohm
BR25G512-3 ROHM-BR25G512-3 Datasheet
833Kb / 33P
Serial EEPROM Series Standard EEPROM
logo
ARTSCHIP ELECTRONICS CO...
24LC08B ARTSCHIP-24LC08B Datasheet
207Kb / 19P
Serial EEPROM
24LC16B ARTSCHIP-24LC16B Datasheet
486Kb / 19P
Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com