Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX05 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74LCX05
Description  LOW VOLTAGE CMOS HEX INVERTER (OPEN DRAIN) WITH 5V TOLERANT INPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX05 Datasheet(HTML) 1 Page - STMicroelectronics

  74LCX05 Datasheet HTML 1Page - STMicroelectronics 74LCX05 Datasheet HTML 2Page - STMicroelectronics 74LCX05 Datasheet HTML 3Page - STMicroelectronics 74LCX05 Datasheet HTML 4Page - STMicroelectronics 74LCX05 Datasheet HTML 5Page - STMicroelectronics 74LCX05 Datasheet HTML 6Page - STMicroelectronics 74LCX05 Datasheet HTML 7Page - STMicroelectronics 74LCX05 Datasheet HTML 8Page - STMicroelectronics 74LCX05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
September 2004
s
5V TOLERANT INPUTS
s
HIGH SPEED:
tPD = 5.2ns (MAX.) at VCC = 3V
s
POWER DOWN PROTECTION ON INPUTS
AND OUTPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 24mA (MIN) at VCC = 3V
s
PCI BUS LEVELS GUARANTEED AT 24 mA
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2.0V to 3.6V (1.5V Data
Retention)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 05
s
LATCH-UP PERFORMANCE EXCEEDS
500mA (JESD 17)
s
ESD PERFORMANCE:
HBM > 2000V (MIL STD 883 method 3015);
MM > 200V
DESCRIPTION
The 74LCX05 is a low voltage CMOS OPEN
DRAIN
HEX
INVERTER
fabricated
with
sub-micron silicon gate and double-layer metal
wiring C2MOS technology. It is ideal for low power
and high speed 3.3V applications. It can be
interfaced to 5V signal environment for inputs.
The internal circuit is composed of 3 stages
including buffer output, which provides high noise
immunity and stable output.
It has same speed performance at 3.3V than 5V
AC/ACT family, combined with a lower power
consumption.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74LCX05
LOW VOLTAGE CMOS HEX INVERTER (OPEN DRAIN)
WITH 5V TOLERANT INPUTS
Figure 1: Pin Connection And IEC Logic Symbols
Table 1: Order Codes
PACKAGE
T & R
SOP
74LCX05MTR
TSSOP
74LCX05TTR
TSSOP
SOP
Rev. 3


Similar Part No. - 74LCX05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LCX05 STMICROELECTRONICS-74LCX05 Datasheet
244Kb / 15P
Low voltage CMOS HEX inverter (open drain) with 5V tolerant inputs
06-Jul-2006
logo
Toshiba Semiconductor
74LCX05FT TOSHIBA-74LCX05FT Datasheet
170Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-09-13 Rev.4.0
logo
STMicroelectronics
74LCX05MTR STMICROELECTRONICS-74LCX05MTR Datasheet
244Kb / 15P
Low voltage CMOS HEX inverter (open drain) with 5V tolerant inputs
06-Jul-2006
74LCX05TTR STMICROELECTRONICS-74LCX05TTR Datasheet
244Kb / 15P
Low voltage CMOS HEX inverter (open drain) with 5V tolerant inputs
06-Jul-2006
74LCX05 STMICROELECTRONICS-74LCX05_06 Datasheet
244Kb / 15P
Low voltage CMOS HEX inverter (open drain) with 5V tolerant inputs
06-Jul-2006
More results

Similar Description - 74LCX05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVX05 STMICROELECTRONICS-74LVX05 Datasheet
218Kb / 11P
LOW VOLTAGE CMOS HEX INVERTER (OPEN DRAIN) WITH 5V TOLERANT INPUTS
27-Aug-2004
74LVX04 STMICROELECTRONICS-74LVX04 Datasheet
161Kb / 8P
LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
Jul-2001
74LCX04MTR STMICROELECTRONICS-74LCX04MTR Datasheet
164Kb / 8P
LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
Sep-2001
74LCX07 STMICROELECTRONICS-74LCX07 Datasheet
193Kb / 11P
LOW VOLTAGE CMOS HEX BUFFER (OPEN DRAIN) WITH 5V TOLERANT INPUTS
15-Sep-2004
74LVX14 STMICROELECTRONICS-74LVX14 Datasheet
160Kb / 11P
LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS
27-Aug-2004
74LCX04 STMICROELECTRONICS-74LCX04 Datasheet
239Kb / 15P
Low voltage CMOS HEX inverter with 5V tolerant inputs
06-Jul-2006
74LCX05 STMICROELECTRONICS-74LCX05_06 Datasheet
244Kb / 15P
Low voltage CMOS HEX inverter (open drain) with 5V tolerant inputs
06-Jul-2006
74LCX07 STMICROELECTRONICS-74LCX07_06 Datasheet
225Kb / 15P
Low voltage CMOS HEX buffer (open drain) with 5V tolerant inputs
10-Jul-2006
74LCX14 STMICROELECTRONICS-74LCX14_06 Datasheet
243Kb / 15P
Low voltage CMOS HEX SCHMITT inverter with 5V tolerant inputs
10-Jul-2006
74LVX04 STMICROELECTRONICS-74LVX04_04 Datasheet
225Kb / 11P
LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
27-Aug-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com