Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RBM-0509S Datasheet(PDF) 2 Page - Recom International Power

Part # RBM-0509S
Description  ECONOLINE - DC/DC-CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RBM-0509S Datasheet(HTML) 2 Page - Recom International Power

  RBM-0509S Datasheet HTML 1Page - Recom International Power RBM-0509S Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.recom-international.com
EC 23
August 2002
RBM-0505D
RECOM
****
12
4 5 6
Dual Output
6.00
16.55
0.51 typ.
4.10
7.70
RBM-0505D
RECOM
****
0.51 typ.
Single Output
RBM-0505S
RECOM
****
12
4 5 6
1.27
0.25
12.70
1.9
12
56
4
2.54
1.00ø+0.15/–0
2.54
ECONOLINE - DC/DC-Converter
RBM Series, 1 Watt, SIP6 Micro Size Package (Single & Dual Output)
Package Style and Pinning (mm)
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
3rd angle
projection
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
–Vin
–Vin
4NC
–Vout
5–Vout
Com
6+Vout
+Vout
NC = No Connection
6 PIN SIP Micro Size Package
Recommended Footprint Details



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com