Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF15005S Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DF15005S
Description  Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DF15005S Datasheet(HTML) 1 Page - Vishay Siliconix

  DF15005S Datasheet HTML 1Page - Vishay Siliconix DF15005S Datasheet HTML 2Page - Vishay Siliconix DF15005S Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DF15005S thru DF1510S
Document Number 88570
09-Dec-04
Vishay Semiconductors
www.vishay.com
1
Case Style DFS
~
~
~
~
Miniature Glass Passivated Single-Phase
Surface Mount Bridge Rectifiers
Major Ratings and Characteristics
IF(AV)
1.5 A
VRRM
50 V to 1000 V
IFSM
50 A
IR
5 µA
VF
1.1 V
Tj max.
150 °C
Features
• UL Recognition, file number E54214
• Ideal for automated placement
• High surge current capability
• Meets MSL level 1, per J-STD-020C
Typical Applications
General purpose use in ac-to-dc bridge full wave rec-
tification for SMPS, Lighting Ballaster, Adapter, Bat-
tery Charger, Home Appliances, Office Equipment,
and Telecommunication applications
Mechanical Data
Case: DFS
Epoxy meets UL-94V-0 Flammability rating
Terminals: Matte tin plated (E3 Suffix) leads, solder-
able per J-STD-002B and MIL-STD-750, Method
2026
Polarity: As marked on body
Maximum Ratings
(TA = 25 °C unless otherwise noted)
Parameter
Symbol
DF
15005S
DF
1501S
DF
1502S
DF
1504S
DF
1506S
DF
1508S
DF
1510S
Unit
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward output rectified
current at TA = 40 °C
(2)
IF(AV)
1.5
A
Peak forward surge current single half sine-
wave superimposed on rated load
IFSM
50
A
Rating for fusing (t < 8.3 ms)
I2t
10
A2sec
Operating junction and storage temperature
range
TJ, TSTG
- 55 to + 150
°C


Similar Part No. - DF15005S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DF15005S DIODES-DF15005S Datasheet
53Kb / 2P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17002 Rev. D-2
logo
Comchip Technology
DF15005S COMCHIP-DF15005S Datasheet
52Kb / 2P
SMD Genenal Purpose Bridge Rectifier
logo
Diodes Incorporated
DF15005S DIODES-DF15005S Datasheet
87Kb / 3P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17002 Rev. 9 - 2
logo
Vishay Siliconix
DF15005S VISHAY-DF15005S Datasheet
91Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
16-Jul-08
logo
Weitron Technology
DF15005S WEITRON-DF15005S Datasheet
281Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
More results

Similar Description - DF15005S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DF005S VISHAY-DF005S_13 Datasheet
94Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
DF005SA-E3-77 VISHAY-DF005SA-E3-77 Datasheet
95Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
DF01S-E3-45 VISHAY-DF01S-E3-45 Datasheet
94Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
logo
Cystech Electonics Corp...
DB101SG CYSTEKEC-DB101SG Datasheet
140Kb / 3P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
DB106SG CYSTEKEC-DB106SG Datasheet
140Kb / 3P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
MB4ST08 CYSTEKEC-MB4ST08 Datasheet
291Kb / 3P
Miniature Glass Passivated Single Phase Surface Mount Bridge Rectifiers
MB6ST08 CYSTEKEC-MB6ST08 Datasheet
291Kb / 3P
Miniature Glass Passivated Single Phase Surface Mount Bridge Rectifiers
logo
Vishay Siliconix
DF005SA VISHAY-DF005SA_13 Datasheet
87Kb / 5P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
19-Aug-13
logo
Surge Components
MB1S SURGE-MB1S Datasheet
409Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
MB2S YIXIN-MB2S Datasheet
222Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com