Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT3216LSECK/J4-PRV Datasheet(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # APT3216LSECK/J4-PRV
Description  3.2 mm x 1.6 mm SMD Chip LED Lamp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

APT3216LSECK/J4-PRV Datasheet(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  APT3216LSECK/J4-PRV Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APT3216LSECK/J4-PRV Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APT3216LSECK/J4-PRV Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. APT3216LSECK/J4-PRV Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1 / 4
© 2017 Kingbright. All Rights Reserved. Spec No: DSAN8400 / 1203014467 Rev No: V.4A Date: 07/19/2017
DESCRIPTIONS
The Orange source color devices are made with
AlGaInP Light Emitting Diode.
Electrostatic discharge and power surge could
damage the LEDs
It is recommended to use a wrist band or
anti-electrostatic glove when handling the LEDs
All devices, equipments and machineries must be
electrically grounded
FEATURES
3.2 mm x 1.6 mm SMD LED, 0.75 mm thickness
Low power consumption
Wide viewing angle
Ideal for backlight and indicator
Package: 2000 pcs / reel
Moisture sensitivity level: 3
RoHS compliant
APPLICATIONS
Backlight
Status indicator
Home and smart appliances
Wearable and portable devices
Healthcare applications
ATTENTION
Observe precautions for handling
electrostatic discharge sensitive devices
PACKAGE DIMENSIONS
APT3216LSECK/J4-PRV
3.2 mm x 1.6 mm SMD Chip LED Lamp
RECOMMENDED SOLDERING PATTERN
(units : mm; tolerance : ± 0.1)
Part Number
Emitting Color
(Material)
Lens Type
Iv (mcd) @ 2mA [2]
Viewing Angle [1]
Min.
Typ.
2θ1/2
APT3216LSECK/J4-PRV
■ Super Bright Orange
(AlGaInP)
Water Clear
80
150
*30
*50
140
°
SELECTION GUIDE
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Luminous intensity / luminous flux: +/-15%.
* Luminous intensity value is traceable to CIE127-2007 standards.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.2(0.008") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to
change without prior notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.
香港至恩科技有限公司  
www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


Similar Part No. - APT3216LSECK/J4-PRV

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
APT3216LSECK/J3-PRV TO-GRACE-APT3216LSECK/J3-PRV Datasheet
774Kb / 4P
3.2 mm x 1.6 mm SMD Chip LED Lamp
More results

Similar Description - APT3216LSECK/J4-PRV

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
KPT-3216SECK TO-GRACE-KPT-3216SECK Datasheet
835Kb / 4P
3.2 mm x 1.6 mm SMD Chip LED Lamp
APT3216VBC-D TO-GRACE-APT3216VBC-D Datasheet
786Kb / 4P
3.2 mm x 1.6 mm SMD Chip LED Lamp
APT3216SYCK-J3-PRV TO-GRACE-APT3216SYCK-J3-PRV Datasheet
779Kb / 4P
3.2 mm x 1.6 mm SMD Chip LED Lamp
APT3216SECK-J4-PRV TO-GRACE-APT3216SECK-J4-PRV Datasheet
780Kb / 4P
3.2 mm x 1.6 mm SMD Chip LED Lamp
APT3216QBC-D TO-GRACE-APT3216QBC-D Datasheet
795Kb / 4P
3.2 mm x 1.6 mm SMD Chip LED Lamp
APT3216MGC TO-GRACE-APT3216MGC Datasheet
770Kb / 4P
3.2 mm x 1.6 mm SMD Chip LED Lamp
APT3216LZGCK TO-GRACE-APT3216LZGCK Datasheet
782Kb / 4P
3.2 mm x 1.6 mm SMD Chip LED Lamp
APT3216LVBC-D TO-GRACE-APT3216LVBC-D Datasheet
787Kb / 4P
3.2 mm x 1.6 mm SMD Chip LED Lamp
APT3216LSECK-J3-PRV TO-GRACE-APT3216LSECK-J3-PRV Datasheet
774Kb / 4P
3.2 mm x 1.6 mm SMD Chip LED Lamp
APT3216CGCK TO-GRACE-APT3216CGCK Datasheet
781Kb / 4P
3.2 mm x 1.6 mm SMD Chip LED Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com