Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB11 Datasheet(PDF) 5 Page - Eaton All Rights Reserved.

Part # CB11
Description  Single Row Terminal Blocks
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CB11 Datasheet(HTML) 5 Page - Eaton All Rights Reserved.

  CB11 Datasheet HTML 1Page - Eaton All Rights Reserved. CB11 Datasheet HTML 2Page - Eaton All Rights Reserved. CB11 Datasheet HTML 3Page - Eaton All Rights Reserved. CB11 Datasheet HTML 4Page - Eaton All Rights Reserved. CB11 Datasheet HTML 5Page - Eaton All Rights Reserved. CB11 Datasheet HTML 6Page - Eaton All Rights Reserved. CB11 Datasheet HTML 7Page - Eaton All Rights Reserved. CB11 Datasheet HTML 8Page - Eaton All Rights Reserved. CB11 Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
EATON www.eaton.com
Mounting Plates
Options MP & MT
MP Metal inserts with 0.150” (3.8) dia. hole accept #6 screw.
MT Metal inserts with tapped hole accept #6-32 screw.
Bulk part numbers 1MP-J & 1MT-J.
Right Angle Bends (A1 only)
Right angle terminals are offered on the A1. Configurations are defined
in these dimensions: X = pin extension beyond the block base; Z =
length from block base to centerline of the terminal tip. Standard bends
consist of the X and Z dimensions shown in the chart. Specify by adding
the R26 Bend Option Code to the terminal part number.
Bend Option Code
X
Z
R26 (04 terminal only)
0.14 (3.5)
0.09 (2.3)
Dimensions: in (mm)
Right Angle Bends (A1 only)
(Dimensions in inches)
Option DR
Counterbored holes across mount ends of block enable fastening
with two screws at right angles to normal mount position.
Mounting Options
A1
Single RowTerminal Blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com