Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB2 Datasheet(PDF) 6 Page - Eaton All Rights Reserved.

Part # CB2
Description  Single Row Terminal Blocks
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CB2 Datasheet(HTML) 6 Page - Eaton All Rights Reserved.

Back Button CB2 Datasheet HTML 2Page - Eaton All Rights Reserved. CB2 Datasheet HTML 3Page - Eaton All Rights Reserved. CB2 Datasheet HTML 4Page - Eaton All Rights Reserved. CB2 Datasheet HTML 5Page - Eaton All Rights Reserved. CB2 Datasheet HTML 6Page - Eaton All Rights Reserved. CB2 Datasheet HTML 7Page - Eaton All Rights Reserved. CB2 Datasheet HTML 8Page - Eaton All Rights Reserved. CB2 Datasheet HTML 9Page - Eaton All Rights Reserved. CB2 Datasheet HTML 10Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
CB11
CB11720407
Specifications
Rating: 15 A, 300 V
Center Spacing: 0.325” (8.25 mm)
Wire Range: #14-22 AWG
Screw Size: M3.0, nickel-plated steel
Torque Rating: 12 lb-in.
Recommended PCB Hole Diameter: 1.6 mm - 1.8 mm
Operating Temperature: -40 °C to +120 °C
Body Material: Polyamide 66, UL94 V-0, Black
Terminal Material: Brass, tin plated
Breakdown Voltage: 2000 V
Agency Information: UL file E62622
MOUNTING ENDS
BARRIER ENDS
Poles
A
Length
B
Mount
Centers
A
Length
B
End Pole
Centers
02
1.35
0.65
0.70
0.32
03
1.67
0.97
1.02
0.65
04
2.00
1.30
1.35
0.97
05
2.32
1.62
1.67
1.30
06
2.65
1.95
2.00
1.62
07
2.97
2.27
2.32
1.95
08
3.30
2.60
2.65
2.27
09
3.62
2.92
2.97
2.60
10
3.94
3.25
3.30
2.92
11
4.27
3.57
3.62
3.25
12
4.59
3.90
3.94
3.57
13
4.92
4.22
4.27
3.90
14
5.24
4.55
4.59
4.22
15
5.57
4.87
4.92
4.55
16
5.89
5.20
5.24
4.87
17
6.22
5.52
5.57
5.20
18
6.54
5.85
5.89
5.52
19
6.87
6.17
6.22
5.85
20
7.19
6.50
6.54
6.17
21
7.52
6.82
6.87
6.50
22
7.84
7.15
7.19
6.82
23
8.17
7.47
7.52
7.15
24
8.49
7.80
7.84
7.47
25
8.82
8.12
8.17
7.80
26
9.14
8.44
8.49
8.12
27
9.47
8.77
8.82
8.44
28
9.79
9.09
9.14
8.77
29
10.12
9.42
9.47
9.09
30
10.44
9.74
9.79
9.42
Dimensions in inches. To convert to millimeters, multiply by 25.4.
Dimensions Inches (Millimeters)
CB11
A
0.49
(12.5)
B
0.325
(8.25)
0.15
(3.8)
Ø
Mount End
Barrier End
Mount End
Barrier End
0.236
(6.0)
0.610
(15.5)
Single RowTerminal Blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com