Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMV-15 Datasheet(PDF) 3 Page - PAIRUI GROUP INC.

Part # DMV-15
Description  DC-DC Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

DMV-15 Datasheet(HTML) 3 Page - PAIRUI GROUP INC.

  DMV-15 Datasheet HTML 1Page - PAIRUI GROUP INC. DMV-15 Datasheet HTML 2Page - PAIRUI GROUP INC. DMV-15 Datasheet HTML 3Page - PAIRUI GROUP INC. DMV-15 Datasheet HTML 4Page - PAIRUI GROUP INC. DMV-15 Datasheet HTML 5Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.pairuigroup.com
Page:
3 / 5
Date: 07/24/2015
*Subject to change without notice
DC-DC Converter
DIP-Package
DMV-15 SERIES, 15WATT, 2:1 INPUT RANGE
ELECTRICAL
Switching frequency
300KHz
330KHz max.
Turn-on delay time
---
≤200ms
Operating temperature range
Free air
-25
℃ to +55℃
Storage temperature range
---
-45
℃ to +105℃
Input under voltage protection
When input voltage is lower than the
low input voltage
Auto-recovery
Over current protection
---
Auto-recovery
Short circuit protection
---
Continuous auto-recovery
Cooling method
---
Cooling by air convection
Relative humidity
---
10%-90% max.
Weight
---
35.7g
MTBF
Bellcore TR-332, 25
℃
2x105Hrs
Notes: Unless otherwise specified, all the parameters of the test conditions are as follows: ambient temperature
25
℃, the nominal input voltage, pure resistive nominal load.
MECHANICAL
CONNECTION
PIN #
SINGLE
DUAL
1
REM
REM
2
-Vin
-Vin
3
+Vin
+Vin
4
No pin
+Vo1
5
+Vo
COM
6
GND
-Vo2
7
TRIM
TRIM
Note:
* Unit is mm(inch).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com