Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC237C Datasheet(PDF) 3 Page - ON Semiconductor

Part # BC237C
Description  Amplifier Transistors(NPN Silicon)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC237C Datasheet(HTML) 3 Page - ON Semiconductor

  BC237C Datasheet HTML 1Page - ON Semiconductor BC237C Datasheet HTML 2Page - ON Semiconductor BC237C Datasheet HTML 3Page - ON Semiconductor BC237C Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BC237,A,B,C BC238B,C BC239,C
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
2.0
1.5
1.0
0.2
0.3
0.4
0.6
0.8
200
0.2
0.5
1.0
2.0
5.0
10
20
50
100
IC, COLLECTOR CURRENT (mAdc)
Figure 1. Normalized DC Current Gain
VCE = 10 V
TA = 25°C
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0.2
0.1
0.3 0.5 0.7 1.0
2.0 3.0 5.0 7.0 10
20 30
50 70 100
IC, COLLECTOR CURRENT (mAdc)
Figure 2. “Saturation” and “On” Voltages
TA = 25°C
VBE(sat) @ IC/IB = 10
VBE(on) @ VCE = 10 V
VCE(sat) @ IC/IB = 10
400
20
30
40
60
80
100
200
300
0.5
1.0
0.7
2.0
3.0
5.0 7.0
10
20
30
50
IC, COLLECTOR CURRENT (mAdc)
Figure 3. Current–Gain — Bandwidth Product
10
1.0
2.0
3.0
5.0
7.0
0.4
0.6 0.8 1.0
2.0
4.0
6.0 8.0 10
20
40
VR, REVERSE VOLTAGE (VOLTS)
Figure 4. Capacitances
VCE = 10 V
TA = 25°C
TA = 25°C
Cib
Cob
170
160
150
140
130
120
10
0.1
0.2
0.3
0.5
1.0
2.0
3.0
5.0
IC, COLLECTOR CURRENT (mAdc)
Figure 5. Base Spreading Resistance
VCE = 10 V
f = 1.0 kHz
TA = 25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com