Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DVST2800T Datasheet(PDF) 4 Page - VPT, Inc.

Part # DVST2800T
Description  HIGH RELIABILITY DC-DC CONVERTERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

DVST2800T Datasheet(HTML) 4 Page - VPT, Inc.

  DVST2800T Datasheet HTML 1Page - VPT, Inc. DVST2800T Datasheet HTML 2Page - VPT, Inc. DVST2800T Datasheet HTML 3Page - VPT, Inc. DVST2800T Datasheet HTML 4Page - VPT, Inc. DVST2800T Datasheet HTML 5Page - VPT, Inc. DVST2800T Datasheet HTML 6Page - VPT, Inc. DVST2800T Datasheet HTML 7Page - VPT, Inc. DVST2800T Datasheet HTML 8Page - VPT, Inc. DVST2800T Datasheet HTML 9Page - VPT, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
DVST2800T Series
DVST2800T-2.0
4
SPECIFICATIONS (T
CASE
= -55°C to +100°C, VIN = +28V ± 5%, Full Load, Unless Otherwise Specified)
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous)
50 VDC
Operating Case Temperature
-55°C to +100°C
Input Voltage (Transient, 1 second)
80 Volts
Storage Temperature
-55°C to +125°C
Output Power1
30 Watts
Lead Solder Temperature (10 seconds)
270°C
Power Dissipation (Full Load, TCASE = +100°C)
15 Watts
Weight (Maximum)
100 Grams
MAIN OUTPUT
Parameter
Conditions
DVST2812xxyyT
Units
Min
Typ
Max
STATIC
OUTPUT
Voltage
VOUT
TCASE = 25°C
11.88
12.00
12.12
V
VOUT
TCASE = -55°C to +100°C
11.76
12.00
12.24
V
Power2
20
W
Current2
VOUT
1.67
A
Ripple Voltage
VOUT
Full Load, 20Hz to 10MHz
50
mVp-p
Line Regulation
VOUT
VIN = 15V to 50V
50
mV
Load Regulation
VOUT
No Load to Full Load
50
mV
EFFICIENCY
76
%
CAPACITIVE LOAD
500
F
DYNAMIC
Load Step Output Transient
VOUT
Half Load to Full Load
200
400
mVPK
Load Step Recovery3
200
400
Sec
Line Step Output Transient
VOUT
VIN = 15V to 50V
400
600
mVPK
Line Step Recovery3
200
600
Sec
Turn On Delay
VOUT
VIN = 0V to 28V
15
20
mSec
Turn On Overshoot
0
50
mVPK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com