Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SVRGA0508S/K-E Datasheet(PDF) 2 Page - VPT, Inc.

Part # SVRGA0508S/K-E
Description  SPACE QUALIFIED POINT OF LOAD CONVERTERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

SVRGA0508S/K-E Datasheet(HTML) 2 Page - VPT, Inc.

  SVRGA0508S/K-E Datasheet HTML 1Page - VPT, Inc. SVRGA0508S/K-E Datasheet HTML 2Page - VPT, Inc. SVRGA0508S/K-E Datasheet HTML 3Page - VPT, Inc. SVRGA0508S/K-E Datasheet HTML 4Page - VPT, Inc. SVRGA0508S/K-E Datasheet HTML 5Page - VPT, Inc. SVRGA0508S/K-E Datasheet HTML 6Page - VPT, Inc. SVRGA0508S/K-E Datasheet HTML 7Page - VPT, Inc. SVRGA0508S/K-E Datasheet HTML 8Page - VPT, Inc. SVRGA0508S/K-E Datasheet HTML 9Page - VPT, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Sales Information
Phone:(425) 353-3010
Fax: (425) 353-4030
SVRGA0508S - 5.0
E-mail: vptsales@vptpower.com
Web: www.vptpower.com
Page 2
SVRGA0508S Series
2.0 DIAGRAMS
2.1 BLOCK DIAGRAM
2.2 CONNECTION DIAGRAM
3.0 SPECIFICATIONS
3.1 ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings
Input Voltage (Continuous):
-0.3 V to 7 V
Operating Temperature (Full Load):
-55 °C to +125 °C
Input Voltage (Transient, 1 second):
-0.3 V to 7.5 V
Storage Temperature:
-65 °C to +150 °C
ESD Rating per MIL-PRF-38534:
3B
Lead Solder Temperature (10 seconds):
270 °C
+VIN
COM
Q1
+VOUT
INH
+S
Q2
TRIM
COM
VOLTAGE
UNDER
SHUTDOWN
COMPENSATION
FEEDBACK
NETWORK
CONTROL
PWM
2
COM
3
INH
1
+VIN
8
+VOUT
7
COM
LOAD
N/C
4
TRIM
6
R
+
-
+VIN
220uF
5
+S
220uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com