Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC239C Datasheet(PDF) 1 Page - ON Semiconductor

Part # BC239C
Description  Amplifier Transistors(NPN Silicon)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC239C Datasheet(HTML) 1 Page - ON Semiconductor

  BC239C Datasheet HTML 1Page - ON Semiconductor BC239C Datasheet HTML 2Page - ON Semiconductor BC239C Datasheet HTML 3Page - ON Semiconductor BC239C Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Amplifier Transistors
NPN Silicon
MAXIMUM RATINGS
Rating
Symbol
BC
237
BC
238
BC
239
Unit
Collector – Emitter Voltage
VCEO
45
25
25
Vdc
Collector – Emitter Voltage
VCES
50
30
30
Vdc
Emitter – Base Voltage
VEBO
6.0
5.0
5.0
Vdc
Collector Current — Continuous
IC
100
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
350
2.8
mW
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
1.0
8.0
Watts
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
RqJA
357
°C/W
Thermal Resistance, Junction to Case
RqJC
125
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage
BC237
(IC = 2.0 mA, IB = 0)
BC238
BC239
V(BR)CEO
45
25
25
—
—
—
—
—
—
V
Emitter – Base Breakdown Voltage
BC237
(IE = 100 mA, IC = 0)
BC238
BC239
V(BR)EBO
6.0
5.0
5.0
—
—
—
—
—
—
V
Collector Cutoff Current
(VCE = 30 V, VBE = 0)
BC238
BC239
(VCE = 50 V, VBE = 0)
BC237
(VCE = 30 V, VBE = 0) TA = 125°C
BC238
BC239
(VCE = 50 V, VBE = 0) TA = 125°C
BC237
ICES
—
—
—
—
—
—
0.2
0.2
0.2
0.2
0.2
0.2
15
15
15
4.0
4.0
4.0
nA
µA
Order this document
by BC237/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
BC237,A,B,C
BC238B,C
BC239,C
CASE 29–04, STYLE 17
TO–92 (TO–226AA)
1
2
3
© Motorola, Inc. 1996
COLLECTOR
1
2
BASE
3
EMITTER
REV 1


Similar Part No. - BC239C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC239C MOTOROLA-BC239C Datasheet
112Kb / 4P
Amplifier Transistors
logo
Fairchild Semiconductor
BC239C FAIRCHILD-BC239C Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
logo
ON Semiconductor
BC239C ONSEMI-BC239C Datasheet
54Kb / 4P
Amplifier Transistors NPN Silicon
January, 2006 ??Rev. 4
logo
SHENZHEN YONGERJIA INDU...
BC239C WINNERJOIN-BC239C Datasheet
157Kb / 2P
TRANSISTOR (NPN)
logo
Continental Device Indi...
BC239C CDIL-BC239C Datasheet
359Kb / 5P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - BC239C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5209 ONSEMI-2N5209 Datasheet
277Kb / 6P
Amplifier Transistors(NPN Silicon)
1996
MPS918 ONSEMI-MPS918 Datasheet
62Kb / 4P
Amplifier Transistors(NPN Silicon)
1996
logo
Leshan Radio Company
MMBT6428LT1 LRC-MMBT6428LT1 Datasheet
209Kb / 4P
Amplifier Transistors(NPN Silicon)
logo
Motorola, Inc
BD525 MOTOROLA-BD525 Datasheet
82Kb / 2P
NPN SILICON AMPLIFIER TRANSISTORS
logo
ON Semiconductor
2N5088 ONSEMI-2N5088_07 Datasheet
83Kb / 5P
Amplifier Transistors NPN Silicon
March, 2007 ??Rev. 4
2N5550 ONSEMI-2N5550_07 Datasheet
88Kb / 6P
Amplifier Transistors NPN Silicon
March, 2007 ??Rev. 5
BC237 ONSEMI-BC237_06 Datasheet
54Kb / 4P
Amplifier Transistors NPN Silicon
January, 2006 ??Rev. 4
MBT6429DW1T1 ONSEMI-MBT6429DW1T1_05 Datasheet
79Kb / 5P
Amplifier Transistors NPN Silicon
December, 2005 ??Rev. 2
MPS918 ONSEMI-MPS918_06 Datasheet
46Kb / 3P
Amplifier Transistors NPN Silicon
January, 2006 ??Rev. 3
logo
New Jersey Semi-Conduct...
MPSU06F NJSEMI-MPSU06F Datasheet
83Kb / 1P
NPN Silicon Amplifier Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com