Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7958CC Datasheet(PDF) 6 Page - Vitesse Semiconductor Corporation

Part # VSC7958CC
Description  2.5Gb/s High Speed Limiting Post Amplifier for OC-48/SDH-16 Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7958CC Datasheet(HTML) 6 Page - Vitesse Semiconductor Corporation

  VSC7958CC Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7958CC Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7958CC Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7958CC Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7958CC Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7958CC Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7958CC Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7958CC Datasheet HTML 8Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC7958
2.5Gb/s High Speed Limiting Post Amplifier
for OC-48/SDH-16 Applications
Page 6
G52184-0, Rev 3.0
05/14/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Die Information
Figure 4: Die Pad Information
VSC7958
Top View
Maximum Total Die Size:
1233
µm x 1705µm
Die Thickness:
305
µm
Pad Size:
100
µm x 100µm
Pad Passivation Opening:
90
µm x 90µm
This device requires external components when used in die form.
Please contact your Vitesse sales representative for information.
Pad 16
VBR
Pad 15
VSS_C
Pad 14
VSS
Pad 13
VSS
Pad 12
VDD
Pad 11
VDD
Pad 10
VDD
Pad 9
EDGE_SENSE
Pad 15
GND
Pad 5
VDD
Pad 4
VDD
Pad 8
VDD
Pad 7
VDD
Pad 6
VOUT_N
1233
µm
1705
µm
Pad 3
VOUT_P
Pad 2
VDD
Pad 20
VIN_N
Pad 21
VDD
Pad 22
VDD
Pad 23
VIN_P
Pad 24
VDD
Pad 17
VREFC_N
Pad 18
VREF_N
Pad 27
VBF
Pad 28
VBS
Pad 29
VDD
Pad 30
VDD
Pad 31
VDD
Pad 8
VDD
Pad 26
VREFC_P
Pad 25
VREF_P
Pad19
VDD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com