Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFP12N65X2A Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFP12N65X2A
Description  Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFP12N65X2A Datasheet(HTML) 2 Page - IXYS Corporation

  IXFP12N65X2A Datasheet HTML 1Page - IXYS Corporation IXFP12N65X2A Datasheet HTML 2Page - IXYS Corporation IXFP12N65X2A Datasheet HTML 3Page - IXYS Corporation IXFP12N65X2A Datasheet HTML 4Page - IXYS Corporation IXFP12N65X2A Datasheet HTML 5Page - IXYS Corporation IXFP12N65X2A Datasheet HTML 6Page - IXYS Corporation IXFP12N65X2A Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXFP12N65X2A
Note 1. Pulse test, t
 300s, duty cycle, d 2%.
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065B1
6,683,344
6,727,585
7,005,734B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123B1
6,534,343
6,710,405B2
6,759,692
7,063,975B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728B1
6,583,505
6,710,463
6,771,478B2 7,071,537
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max
I
S
V
GS = 0V
12
A
I
SM
Repetitive, pulse Width Limited by T
JM
48
A
V
SD
I
F = IS, VGS = 0V, Note 1
1.4
V
t
rr
155
ns
Q
RM
1
μC
I
RM
13
A
I
F = 6A, -di/dt = 100A/μs
V
R = 100V
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max
g
fs
V
DS = 10V, ID = 0.5 • ID25, Note 1
4.8
8.0
S
R
Gi
Gate Input Resistance
4.0
C
iss
1134
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
712
pF
C
rss
1
pF
C
o(er)
42
pF
C
o(tr)
132
pF
t
d(on)
27
ns
t
r
26
ns
t
d(off)
45
ns
t
f
12
ns
Q
g(on)
18.5
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
6.7
nC
Q
gd
5.0
nC
R
thJC
0.69
C/W
R
thCS
0.50
C/W
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
R
G = 20 (External)
Effective Output Capacitance
Energy related
Time related
V
GS = 0V
V
DS = 0.8 • VDSS
ADVANCE TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are
derived from a subjective evaluation of the design, based upon prior knowledge and experi-
ence, and constitute a "considered reflection" of the anticipated result. IXYS reserves the right
to change limits, test conditions, and dimensions without notice.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com