Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTA3N100D2 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTA3N100D2
Description  N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTA3N100D2 Datasheet(HTML) 2 Page - IXYS Corporation

  IXTA3N100D2 Datasheet HTML 1Page - IXYS Corporation IXTA3N100D2 Datasheet HTML 2Page - IXYS Corporation IXTA3N100D2 Datasheet HTML 3Page - IXYS Corporation IXTA3N100D2 Datasheet HTML 4Page - IXYS Corporation IXTA3N100D2 Datasheet HTML 5Page - IXYS Corporation IXTA3N100D2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXTA3N100D2
IXTP3N100D2
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 30V, ID = 1.5A, Note 1
1.2
2.0
S
C
iss
1020
pF
C
oss
V
GS = -10V, VDS = 25V, f = 1MHz
68
pF
C
rss
17
pF
t
d(on)
27
ns
t
r
67
ns
t
d(off)
34
ns
t
f
40
ns
Q
g(on)
37.5
nC
Q
gs
V
GS = 5V, VDS = 500V, ID = 1.5A
4.4
nC
Q
gd
21.2
nC
R
thJC
1.0
C/W
R
thCS
TO-220
0.50
C/W
Safe-Operating-Area Specification
Characteristic Values
Symbol
Test Conditions
Min.
Typ.
Max.
SOA
V
DS = 800V, ID = 94mA, TC = 75C, Tp = 5s
75
W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
V
SD
I
F = 3A, VGS = -10V, Note 1
0.8
1.3
V
t
rr
970
ns
I
RM
12.7
A
Q
RM
6.16
μC
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Note 1. Pulse test, t
 300s, duty cycle, d  2%.
Resistive Switching Times
V
GS =  5V, VDS = 500V, ID = 1.5A
R
G = 3.3 (External)
I
F = 3A, -di/dt = 100A/s
V
R = 100V, VGS = -10V
TO-220 Outline
Pins: 1 - Gate
2 - Drain
3 - Source
TO-263 Outline
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.06
4.83
.160
.190
b
0.51
0.99
.020
.039
b2
1.14
1.40
.045
.055
c
0.40
0.74
.016
.029
c2
1.14
1.40
.045
.055
D
8.64
9.65
.340
.380
D1
8.00
8.89
.280
.320
E
9.65
10.41
.380
.405
E1
6.22
8.13
.270
.320
e
2.54
BSC
.100
BSC
L
14.61
15.88
.575
.625
L1
2.29
2.79
.090
.110
L2
1.02
1.40
.040
.055
L3
1.27
1.78
.050
.070
L4
0
0.13
0
.005
1. Gate
2. Drain
3. Source
4. Drain
Bottom
Side



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com