Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFSW757HT Datasheet(PDF) 38 Page - NICHIA CORPORATION

Part # NFSW757HT
Description  WHITE LED
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFSW757HT Datasheet(HTML) 38 Page - NICHIA CORPORATION

Back Button NFSW757HT Datasheet HTML 33Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 34Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 35Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 36Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 37Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 38Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 39Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 40Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 41Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
NICHIA STS-DA1-5625 <Cat.No.190328>
37
(2) Directions for Use
● The circuit must be designed to ensure that the Absolute Maximum Ratings are not exceeded for each LED. The LEDs should be
operated at a constant current per LED. In the case of operating at a constant voltage, Circuit B is recommended. If Circuit A is
used, it may cause the currents flowing through the LEDs to vary due to the variation in the forward voltage characteristics of the
LEDs on the circuit.
(A)
(B)
● This LED is designed to be operated at a forward current. Ensure that no voltage is applied to the LED in the forward/reverse
direction while the LED is off. If the LEDs are used in an environment where reverse voltages are applied to the LED continuously,
it may cause electrochemical migration to occur causing the LED to be damaged. When not in use for a long period of time, the
system’s power should be turned off to ensure that there are no issues/damage.
● To stabilize the LED characteristics while in use, Nichia recommends that the LEDs are operated at currents ≥ 10% of the sorting
current.
● Ensure that transient excessive voltages (e.g. lighting surge) are not applied to the LEDs.
● If a secondary lens is used to collimate or diffuse the light, sufficient verification should be performed prior to use to ensure that
there are no issues (e.g. color variation).
● If the LEDs are used for outdoor applications, ensure that necessary measures are taken (e.g. protecting the LEDs from water/salt
damage and high humidity).
(3) Handling Precautions
● Do not handle the LEDs with bare hands:
- this may contaminate the LED surface and have an effect on the optical characteristics,
- this may cause the LED to deform and/or the wire to break causing a catastrophic failure (i.e. the LED not to illuminate).
● Ensure that when handling the LEDs with tweezers, excessive force is not applied to the LED. Otherwise, it may cause damage to
the resin (e.g. cut, scratch, chip, crack, delamination and deformation) and the wire to break causing a catastrophic failure (i.e.
the LED not to illuminate).
● Dropping may cause damage to the LED (e.g. deformation).
● Do not stack assembled PCBs together. Otherwise, it may cause damage to the resin (e.g. cut, scratch, chip, crack, delamination
and deformation) and the wire to break causing a catastrophic failure (i.e. the LED not to illuminate).
● CRI Rank R9050 LEDs in this specification use materials that contain halogen-based compounds; the halogen element found in
these materials will not affect the LEDs when the LEDs are used under the conditions detailed in this specification. The other CRI
ranks in this specification do not use these materials.
● Due to the variation in the amount of the reflective material (white resin) that is coating the protection device, the area around
the protection device may appear to be a black spot; this will not affect the characteristics of the LED. Do not use the location of
the protection device to determine the polarity of the LED; use the cathode mark.
(4) Design Consideration
● If the LEDs are soldered to a PCB and the PCB assembly is bent (e.g. PCB depaneling process), it may cause the LED package to
break. The PCB layout should be designed to minimize the mechanical stress on the LEDs when the PCB assembly is bent/warped.
● The amount of mechanical stress exerted on the LED from depaneling may vary depending on the LED position/orientation on the
PCB assembly (e.g. especially in areas near V-groove scores). The PCB layout should be designed to minimize the mechanical
stress on the LEDs when the PCB is separated into individual PCB assemblies.
● To separate a PCB populated with the LEDs, use a specially designed tool. Do not break the PCB by hand.
● Volatile organic compounds that have been released from materials present around the LEDs (e.g. housing, gasket/seal, adhesive,
secondary lens, lens cover, etc.) may penetrate the LED lens and/or encapsulating resin. If the LEDs are being used in a
hermetically sealed environment, these volatile compounds can discolor after being exposed to heat and/or photon energy and
it may greatly reduce the LED light output and/or color shift. In this case, ventilating the environment may improve the reduction
in light output and/or color shift. Perform a light-up test of the chosen application for optical evaluation to ensure that there are
no issues, especially if the LEDs are planned to be used in a hermetically sealed environment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com