Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISCNH98P Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ISCNH98P
Description  isc N-Channel MOSFET Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCNH98P Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISCNH98P Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISCNH98P Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISCNH98P Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
isc N-Channel MOSFET Transistor
ISCNH98P
·
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYPE
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0; ID=250uA
100
113
V
VGS(th)
Gate Threshold Voltage
VDS= VGS; ID=250uA
2.0
3.0
4.0
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V; ID= 40A
7.8
9
mΩ
IGSS
Gate-Body Leakage Current
VGS= ±20V;VDS= 0
±
100
nA
IDSS
Zero Gate Voltage Drain Current
VDS= 100V; VGS= 0
1
uA
Ciss
Input Capacitance
VDS=25V;VGS=0V; f=1.0MHz
6500
pF
Coss
Output Capacitance
380
pF
Crss
Reverse Transfer Capacitance
330
pF
td(on)
Turn-on Delay Time
VDD=30V;ID=2A;RL=15Ω;
VGS=10V;RG=2.5Ω
26
nS
tr
Turn-on Rise Time
24
nS
td(off)
Turn-Off Delay Time
91
nS
tf
Turn-Off Fall Time
39
nS
Qg
Total Gate Charge
VDS=30V;ID=30A; VGS=10V
163
nC
Qgs
Gate-Source Charge
31
nC
Qgd
Gate-Drain Charge
64
nC
VSD
Diode Forward On-voltage
IS= 40A ;VGS= 0
1.2
V
trr
Reverse Recovery Time
TJ = 25°C;IF = 40A;
di/dt = 100A/μs(Note)
42
nS
Qrr
Reverse Recovery Charge
66
nC
Note: Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com