Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LKB4117-P Datasheet(PDF) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

Part # LKB4117-P
Description  LKB series sub-plate mounting isolation transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YHDC [Beijing Yaohuadechang Electronic Co., Ltd.]
Direct Link  http://www.yhdc.com
Logo YHDC - Beijing Yaohuadechang Electronic Co., Ltd.

LKB4117-P Datasheet(HTML) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

  LKB4117-P Datasheet HTML 1Page - Beijing Yaohuadechang Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LKB series sub-plate mounting isolation transformer
Characteristics:
Vacuum Epoxy Encapsulated,Sub-plate mount,Primary
voltage:110V/220V/230V(or producing as customerized).
Technical Index:
Mounting type:Sub-plate mount
Flame resistance :UL94-V0
Insulation class:B
Operation temperature:-30℃~+70℃
Work frequency:50Hz~60Hz
Dielectric strength:3.75KV 50Hz 1min
Technical Parameters table:
Dimension(in mm):
Model:LKB4117-P
Schematic Diagram:
Primary voltage
Primary voltage range
Voltage regulation
Power
Temperature rising
No load loss
weight
110/220/230
±10
≤18
5
≤22
≤0.5
200
V
%
%
VA
℃
W
g
Secondary voltage
Secondary full load current
Secondary no load voltage
Double
6V×2
7.5V×2
9V×2
12V×2
15V×2
18V×2
24V×2
Single
6V
7.5V
9V
12V
15V
18V
24V
Double
7.2V×2
9V×2
10.8V×2
14.5V×2
18.1V×2
21.7V×2
28.9V×2
Single
7.2V
9V
10.8V
14.5V
18.1V
21.7V
28.9V
Double
416.5mA×2
333mA×2
277.5mA×2
208mA×2
166.5mA×2
138.5mA×2
104mA×2
Single
833mA
666mA
555mA
416mA
333mA
277mA
208mA
www.yhdc.com
Email:yhdc@yhdc.com
Top View
Front View
5±0.3×5
7
6
1
8
11 12
51±0.5
59±0.5
Φ4×1
Single output
Double output
6
1
6
1
8
11
7
8
11
12


Similar Part No. - LKB4117-P

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
LKB4117-L YHDC-LKB4117-L Datasheet
3Mb / 1P
LKB series sub-plate mounting isolation transformer
More results

Similar Description - LKB4117-P

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
LKB4820-L YHDC-LKB4820-L Datasheet
8Mb / 1P
LKB series sub-plate mounting isolation transformer
LKB4820-P YHDC-LKB4820-P Datasheet
5Mb / 1P
LKB series sub-plate mounting isolation transformer
LKB6028-L YHDC-LKB6028-L Datasheet
8Mb / 1P
LKB series sub-plate mounting isolation transformer
LKB6028-P YHDC-LKB6028-P Datasheet
3Mb / 1P
LKB series sub-plate mounting isolation transformer
LKB6637-L YHDC-LKB6637-L Datasheet
7Mb / 1P
LKB series sub-plate mounting isolation transformer
LKB6637-P YHDC-LKB6637-P Datasheet
5Mb / 1P
LKB series sub-plate mounting isolation transformer
LKB7628-T YHDC-LKB7628-T Datasheet
14Mb / 1P
LKB series sub-plate mounting isolation transformer
LKB8630-L YHDC-LKB8630-L Datasheet
9Mb / 1P
LKB series sub-plate mounting isolation transformer
LKB8630-T YHDC-LKB8630-T Datasheet
15Mb / 1P
LKB series sub-plate mounting isolation transformer
LKR4820-L YHDC-LKR4820-L Datasheet
1Mb / 1P
LKB series sub-plate mounting isolation transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com