Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPB4820 Datasheet(PDF) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

Part # LPB4820
Description  LPB series sub-plate mounting isolation transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YHDC [Beijing Yaohuadechang Electronic Co., Ltd.]
Direct Link  http://www.yhdc.com
Logo YHDC - Beijing Yaohuadechang Electronic Co., Ltd.

LPB4820 Datasheet(HTML) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

  LPB4820 Datasheet HTML 1Page - Beijing Yaohuadechang Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LPB series sub-plate mounting isolation transformer
Model:LPB4820
Characteristics:
Used with 4.8mm Plug terminal,with FDD2-187 cold crimp
termina,easy connection,Vacuum Epoxy Encapsulated,Primary
voltage:110V/220V/230V(or producing as customerized).
Technical Index:
Mounting type:Sub-plate mount
Flame resistance:UL94-V0
Insulation class :B
Operation temperature:-30℃~+40℃
Work frequency:50Hz~60Hz
Dielectric strength:3.75KV 50Hz 1min
Technical Parameters table:
Dimension(in mm):
Primary voltage
Primary voltage range
Voltage regulation
Power
Temperature rising
No load loss
weight
110/220/230
±10
≤19
12
≤25
≤0.9
300
V
%
%
VA
℃
W
g
www.yhdc.com
Email:yhdc@yhdc.com
Double
6V×2
7.5V×2
9V×2
12V×2
15V×2
18V×2
24V×2
Single
6V
7.5V
9V
12V
15V
18V
24V
Double
7.4V×2
9.3V×2
11.1V×2
14.8V×2
18.5V×2
22.2V×2
29.6V×2
Single
7.4V
9.3V
11.1V
14.8V
18.5V
22.2V
29.6V
Double
1000mA×2
800mA×2
666.5mA×2
500mA×2
400mA×2
333.3mA×2
250mA×2
Single
2000mA
1600mA
1333mA
1000mA
800mA
666.6mA
500mA
5
1
5
1
7
9
6
7
9
10
71.5
60
39
7.5
5.08±0.3×5
0.6
1
5
6 7
9 10
Schematic Diagram:
Single output
Double output
Secondary voltage
Secondary full load current
Secondary no load voltage
With Mechanism screw
Used with 4.8mm
Plug terminal
Front View
Side View
Top View


Similar Part No. - LPB4820

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
LPB450J EUROQUARTZ-LPB450J Datasheet
50Kb / 1P
CERAMIC FILTERS
logo
ECS, Inc.
LPB450J ECS-LPB450J Datasheet
235Kb / 1P
2 ELEMENT CERAMIC FILTER
More results

Similar Description - LPB4820

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
LKB4820-L YHDC-LKB4820-L Datasheet
8Mb / 1P
LKB series sub-plate mounting isolation transformer
LKB5424-P YHDC-LKB5424-P Datasheet
1Mb / 1P
LKB series sub-plate mounting isolation transformer
LKB6028-T YHDC-LKB6028-T Datasheet
7Mb / 1P
LKB series sub-plate mounting isolation transformer
LKB6637-T YHDC-LKB6637-T Datasheet
2Mb / 1P
LKB series sub-plate mounting isolation transformer
LKB7628-P YHDC-LKB7628-P Datasheet
715Kb / 1P
LKB series sub-plate mounting isolation transformer
LKB8630-P YHDC-LKB8630-P Datasheet
814Kb / 1P
LKB series sub-plate mounting isolation transformer
LKB8642-L YHDC-LKB8642-L Datasheet
12Mb / 1P
LKB series sub-plate mounting isolation transformer
LPB5424 YHDC-LPB5424 Datasheet
5Mb / 1P
LPB series sub-plate mounting isolation transformer
LPB6028 YHDC-LPB6028 Datasheet
1Mb / 1P
LPB series sub-plate mounting isolation transformer
LPB6637 YHDC-LPB6637 Datasheet
6Mb / 1P
LPB series sub-plate mounting isolation transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com