Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC548A Datasheet(PDF) 2 Page - ON Semiconductor

Part # BC548A
Description  Amplifier Transistors(NPN Silicon)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC548A Datasheet(HTML) 2 Page - ON Semiconductor

  BC548A Datasheet HTML 1Page - ON Semiconductor BC548A Datasheet HTML 2Page - ON Semiconductor BC548A Datasheet HTML 3Page - ON Semiconductor BC548A Datasheet HTML 4Page - ON Semiconductor BC548A Datasheet HTML 5Page - ON Semiconductor BC548A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BC546, B BC547, A, B, C BC548, A, B, C
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = 10 µA, VCE = 5.0 V)
BC547A/548A
BC546B/547B/548B
BC548C
(IC = 2.0 mA, VCE = 5.0 V)
BC546
BC547
BC548
BC547A/548A
BC546B/547B/548B
BC547C/BC548C
(IC = 100 mA, VCE = 5.0 V)
BC547A/548A
BC546B/547B/548B
BC548C
hFE
—
—
—
110
110
110
110
200
420
—
—
—
90
150
270
—
—
—
180
290
520
120
180
300
—
—
—
450
800
800
220
450
800
—
—
—
—
Collector – Emitter Saturation Voltage
(IC = 10 mA, IB = 0.5 mA)
(IC = 100 mA, IB = 5.0 mA)
(IC = 10 mA, IB = See Note 1)
VCE(sat)
—
—
—
0.09
0.2
0.3
0.25
0.6
0.6
V
Base – Emitter Saturation Voltage
(IC = 10 mA, IB = 0.5 mA)
VBE(sat)
—
0.7
—
V
Base–Emitter On Voltage
(IC = 2.0 mA, VCE = 5.0 V)
(IC = 10 mA, VCE = 5.0 V)
VBE(on)
0.55
—
—
—
0.7
0.77
V
SMALL–SIGNAL CHARACTERISTICS
Current – Gain — Bandwidth Product
(IC = 10 mA, VCE = 5.0 V, f = 100 MHz)
BC546
BC547
BC548
fT
150
150
150
300
300
300
—
—
—
MHz
Output Capacitance
(VCB = 10 V, IC = 0, f = 1.0 MHz)
Cobo
—
1.7
4.5
pF
Input Capacitance
(VEB = 0.5 V, IC = 0, f = 1.0 MHz)
Cibo
—
10
—
pF
Small–Signal Current Gain
(IC = 2.0 mA, VCE = 5.0 V, f = 1.0 kHz)
BC546
BC547/548
BC547A/548A
BC546B/547B/548B
BC547C/548C
hfe
125
125
125
240
450
—
—
220
330
600
500
900
260
500
900
—
Noise Figure
(IC = 0.2 mA, VCE = 5.0 V, RS = 2 kW,
BC546
f = 1.0 kHz,
∆f = 200 Hz)
BC547
BC548
NF
—
—
—
2.0
2.0
2.0
10
10
10
dB
Note 1: IB is value for which IC = 11 mA at VCE = 1.0 V.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com