Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC640 Datasheet(PDF) 3 Page - ON Semiconductor

Part # BC640
Description  High Current Transistors(PNP Silicon)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC640 Datasheet(HTML) 3 Page - ON Semiconductor

  BC640 Datasheet HTML 1Page - ON Semiconductor BC640 Datasheet HTML 2Page - ON Semiconductor BC640 Datasheet HTML 3Page - ON Semiconductor BC640 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BC636, BC636–16, BC638, BC640, BC640–16
http://onsemi.com
3
-1000
-1
-2
-5
-10
-20
-50
-100
-200
-500
-100
-1
-2 -3 -4 -5 -7 -10
-20 -30-40 -50 -70
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
Figure 1. Active Region Safe Operating Area
BC636
BC638
BC640
PD TA 25°C
PD TC 25°C
SOA = 1S
PD TC 25°C
PD TA 25°C
500
200
100
50
20
-1
-3 -5
-10
-30 -50 -100
-300 -500 -1000
IC, COLLECTOR CURRENT (mA)
Figure 2. DC Current Gain
VCE = -2 V
500
300
100
50
20
-1
-10
-100
-1000
IC, COLLECTOR CURRENT (mA)
Figure 3. Current Gain Bandwidth Product
-1
-0.8
-0.6
-0.4
-0.2
0
-1
-10
IC, COLLECTOR CURRENT (mA)
Figure 4. “Saturation” and “On” Voltages
VBE(sat) @ IC/IB = 10
VBE(on) @ VCE = -2 V
VCE(sat) @ IC/IB = 10
-0.2
-1.0
-2.2
-1.6
IC, COLLECTOR CURRENT (mA)
Figure 5. Temperature Coefficients
VCE = -2 VOLTS
∆T = 0°C to +100°C
θV for VBE
-A
-B
-L
VCE = -2 V
-100
-1000
-1
-3 -5
-10
-30 -50 -100
-300 -500 -1000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com