Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4020 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # P4020
Description  VERTICAL PCB MOUNT CURRENT TRANFSORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P4020 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  P4020 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
P4020 SERIES
• Current Transformer for general purpose use
• Meets common AC current measurement needs
• High Ratio
• Isolation: 2000 Vrms
• Operating Temperature: -40°C to +100°C
• RoHS Compliant Product
• Custom Design Available
ELECTRICAL PARAMETERS @25°C
Part Number
Rated Current
(A)
Turns
(Typ)
Vmax
(RMS)
Frequency
(Hz)
P4020-102
20
1023
5.0
47-63
P4020-202
50
2046
10.2
47-63
P4021-102
50
1016
6.8
47-63
P4021-152
75
1520
10.3
47-63
P4022-102
100
1021
10.7
47-63
P4022-202
200
2037
14.6
47-63
NOTES:
•
Rated Current (Ir): Max input current to be linearly sensed
•
Vmax: Max linear voltage CT will develop at Ir
•
Vout: (Input current x Loaded resistance) / Turns
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
VERTICAL PCB MOUNT
CURRENT TRANFSORMER
DIMENSIONS
SCHEMATIC
Pin Spacing (Top View)
DIMENSIONS (mm)
Part Number
A min
B Max
C Max
D Max
E ±0.5
F ±0.5
G ±0.5
P4020
6.90
23.50
25.00
11.00
15.20
9.50
19.05
P4021
9.00
26.00
28.00
17.00
15.20
15.50
19.00
P4022
12.80
37.50
39.00
14.00
25.40
13.00
33.02


Similar Part No. - P4020

ManufacturerPart #DatasheetDescription
logo
International Rectifier
P402 IRF-P402 Datasheet
90Kb / 7P
PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
logo
Vishay Siliconix
P402 VISHAY-P402 Datasheet
122Kb / 6P
Passivated Assembled Circuit Elements, 40 A
05-Nov-09
logo
Coilcraft lnc.
P402 COILCRAFT-P402 Datasheet
100Kb / 1P
Designer’s Kits
logo
EM Microelectronic - MA...
P4022 EMMICRO-P4022 Datasheet
425Kb / 13P
Multi Frequency Contactless Identification Device Anti-Collision compatible with BTGs Supertag Category Protocols
logo
MPS Industries, Inc.
P4023 MPSIND-P4023 Datasheet
313Kb / 1P
OUTDOOR SPLIT CORE CURRENT TRANSFORMER
More results

Similar Description - P4020

ManufacturerPart #DatasheetDescription
logo
CUI INC
RCJ-051 CUI-RCJ-051 Datasheet
235Kb / 1P
RCJ JACK, VERTICAL, PCB MOUNT
logo
Adam Technologies, Inc.
RF11-15-T-00-50-G ADAM-TECH-RF11-15-T-00-50-G Datasheet
67Kb / 1P
MCX JACK VERTICAL PCB MOUNT
logo
CUI INC
RCJ-05X CUI-RCJ-05X Datasheet
61Kb / 1P
RCJ JACK, VERTICAL, PCB MOUNT
logo
Kycon, Inc.
K88X KYCON-K88X Datasheet
514Kb / 1P
Vertical PCB Mount High Profile
KLDVHCX-0202-LT KYCON-KLDVHCX-0202-LT Datasheet
482Kb / 1P
Locking Type High Current Vertical PCB Mount DC Power Jack
logo
EDAC, All Rights Reserv...
JPG018826N00035 EDAC-JPG018826N00035 Datasheet
76Kb / 1P
RJ45, REVERSE VERTICAL PCB MOUNT
JPG018836N00035 EDAC-JPG018836N00035 Datasheet
77Kb / 1P
RJ45, REVERSE VERTICAL PCB MOUNT
JPG018866N00035 EDAC-JPG018866N00035 Datasheet
77Kb / 1P
RJ45, REVERSE VERTICAL PCB MOUNT
JPG018896N00035 EDAC-JPG018896N00035 Datasheet
77Kb / 1P
RJ45, REVERSE VERTICAL PCB MOUNT
JPG018896P00035 EDAC-JPG018896P00035 Datasheet
77Kb / 1P
RJ45, REVERSE VERTICAL PCB MOUNT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com