Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4023 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # P4023
Description  OUTDOOR SPLIT CORE CURRENT TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P4023 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  P4023 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
P4023
200A current transformer for measuring or monitoring current for
Water resistant and UV protection
-
ing existing cables
RoHS Compliant Product
ELECTRICAL PARAMETERS @25°C
Rated Primary Current:
200A NOM (250A MAX)
Protection Level:
7.5V peak
Turns Ratio:
Dielectric Withstanding Voltage:
Current Ratio:
200A/100mA
Insulation Resistance:
Impluse Withstand Voltage:
5kV Peak
Phase error @ rated current range:
Operating Temperature:
DC Resistance:
Storage Temperature:
DIMENSIONS (mm)
SCHEMATIC
TEST CIRCUIT
Dimensions
k
l
Black (2)
45.0±0.5
23.8±0.3
2438±30
10±1
34.4±0.5
22.3
20.0
35±5
1
2
7.5V
k
l
1
2
7.5V


Similar Part No. - P4023

ManufacturerPart #DatasheetDescription
logo
International Rectifier
P402 IRF-P402 Datasheet
90Kb / 7P
PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
logo
Vishay Siliconix
P402 VISHAY-P402 Datasheet
122Kb / 6P
Passivated Assembled Circuit Elements, 40 A
05-Nov-09
logo
Coilcraft lnc.
P402 COILCRAFT-P402 Datasheet
100Kb / 1P
Designer’s Kits
logo
MPS Industries, Inc.
P4020 MPSIND-P4020 Datasheet
363Kb / 1P
VERTICAL PCB MOUNT CURRENT TRANFSORMER
P4020-102 MPSIND-P4020-102 Datasheet
363Kb / 1P
VERTICAL PCB MOUNT CURRENT TRANFSORMER
More results

Similar Description - P4023

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
SCT-013 YHDC-SCT-013 Datasheet
2Mb / 1P
Split core current transformer
logo
MPS Industries, Inc.
P4019 MPSIND-P4019 Datasheet
374Kb / 1P
SPLIT CORE CURRENT TRANSFORMER
logo
Beijing Yaohuadechang E...
SCT013-RJ45 YHDC-SCT013-RJ45 Datasheet
2Mb / 1P
Split core current transformer
SCT016S YHDC-SCT016S Datasheet
678Kb / 1P
Split core current transformer
SCT12080QT YHDC-SCT12080QT Datasheet
9Mb / 1P
Split core current transformer
SCT013-005 YHDC-SCT013-005 Datasheet
5Mb / 1P
Split core current transformer
SCT013-030 YHDC-SCT013-030 Datasheet
5Mb / 1P
Split core current transformer
SCT013-050 YHDC-SCT013-050 Datasheet
5Mb / 1P
Split core current transformer
SCT032BT YHDC-SCT032BT Datasheet
7Mb / 1P
Split core current transformer
SCT8050QT YHDC-SCT8050QT Datasheet
7Mb / 1P
Split core current transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com