Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P9121 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # P9121
Description  14 WATT CCFL TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P9121 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  P9121 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRICAL PARAMETERS @ 25°C
Part Number
Pri
DCR
Vpri
Vsec
Turns Ratio
Isec
Sec (10-6)
OCL
Nom
(µH)
Max
(Ω)
Max
(Volt)
Max
(Volt)
Sec/Pri
(±5%)
Pri/Fb
(±5%)
(10-6)
Max
(mA)
DCR
Max
(Ω)
P9121-1
24
0.030
20
1340
67
5
30
262
P9121-2
16
0.024
15
1340
86
4
30
272
P9121-3
16
0.024
13
1340
100
4
30
314
Note:
1.
Operating Freq: 40KHz - 80KHz
2.
OCL (1-3): Measured at 100KHz, 0.1Vrms
3.
Hipot (Pri and Fb to Sec): 1500Vrms, 5sec, 1mA
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
P9121
For use in: LCD backlight applications, TFT matrixes, aquarium
lighting, medical instrumentation, test equipment & more
Rated power output: 14 Watts
Low profile package available in Thru-Hole and Surface Mount
Operating Temperature 0ºC to +70ºC
RoHS Compliant Product
Custom Design Available
14 WATT CCFL
TRANSFORMER
DIMENSIONS
SCHEMATIC
Dimensions
Unless otherwise specified, all tolerances are:
inch: .XX : ±0.010
.XXX : ±0.005
mm: X,X : ±0,254
X,XX : ±0,13
Revised 01/29/2018
Product performance is limited to specified parameters. Data is subject to change without prior notice.


Similar Part No. - P9121

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P912 ETC2-P912 Datasheet
178Kb / 1P
SMP MALE BULKHEAD TO SMP MALE CATCHERS MITT ADAPTER
logo
MPS Industries, Inc.
P9120 MPSIND-P9120 Datasheet
369Kb / 1P
2.5 WATT CCFL TRANSFORMER
P9120-1 MPSIND-P9120-1 Datasheet
369Kb / 1P
2.5 WATT CCFL TRANSFORMER
P9120-2 MPSIND-P9120-2 Datasheet
369Kb / 1P
2.5 WATT CCFL TRANSFORMER
P9120-3 MPSIND-P9120-3 Datasheet
369Kb / 1P
2.5 WATT CCFL TRANSFORMER
More results

Similar Description - P9121

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SIH1510-02 FRONTIER-SIH1510-02 Datasheet
43Kb / 1P
CCFL Inverter Transformer
logo
Coilcraft lnc.
FA2786-BL COILCRAFT-FA2786-BL Datasheet
106Kb / 1P
CCFL Transformer
logo
MPS Industries, Inc.
P9101 MPSIND-P9101 Datasheet
416Kb / 1P
CCFL TRANSFORMER
logo
Bourns Electronic Solut...
PM61300-1-RC BOURNS-PM61300-1-RC_12 Datasheet
203Kb / 1P
SMD CCFL Transformer
logo
Coilcraft lnc.
FA2786 COILCRAFT-FA2786_13 Datasheet
89Kb / 1P
CCFL Transformer
logo
XFMRS Inc.
XF1900-UI97 XFMRS-XF1900-UI97 Datasheet
46Kb / 1P
CCFL TRANSFORMER
logo
MPS Industries, Inc.
P9119 MPSIND-P9119 Datasheet
368Kb / 1P
2.5 WATT SMD CCFL TRANSFORMER
P9120 MPSIND-P9120 Datasheet
369Kb / 1P
2.5 WATT CCFL TRANSFORMER
P9122 MPSIND-P9122 Datasheet
306Kb / 1P
6 WATT CCFL TRANSFORMER
P9124 MPSIND-P9124 Datasheet
262Kb / 1P
4 WATT SMD CCFL TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com