Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFP7N100P Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFP7N100P
Description  Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFP7N100P Datasheet(HTML) 4 Page - IXYS Corporation

  IXFP7N100P Datasheet HTML 1Page - IXYS Corporation IXFP7N100P Datasheet HTML 2Page - IXYS Corporation IXFP7N100P Datasheet HTML 3Page - IXYS Corporation IXFP7N100P Datasheet HTML 4Page - IXYS Corporation IXFP7N100P Datasheet HTML 5Page - IXYS Corporation IXFP7N100P Datasheet HTML 6Page - IXYS Corporation IXFP7N100P Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXFA7N100P IXFP7N100P
IXFH7N100P
Fig. 7. Input Admittance
0
2
4
6
8
10
12
14
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
VGS - Volts
TJ = 125
oC
25
oC
- 40
oC
Fig. 8. Transconductance
0
2
4
6
8
10
12
14
02
46
8
10
12
14
16
ID - Amperes
125
oC
25
oC
TJ = - 40
oC
Fig. 9. Forward Voltage Drop of Intrinsic Diode
0
5
10
15
20
25
30
0.40.5
0.60.7
0.80.9
1.01.1
1.2
VSD - Volts
TJ = 125
oC
TJ = 25
oC
Fig. 10. Gate Charge
0
2
4
6
8
10
12
14
16
0
1020
30
40506070
QG - NanoCoulombs
VDS = 500V
I D = 3.5A
I G = 10mA
Fig. 11. Capacitance
10
100
1,000
10,000
0
5
10
15
20
25
30
35
40
VDS - Volts
f = 1 MHz
Ciss
Crss
Coss
Fig. 14. Forward-Bias Safe Operating Area
0.01
0.1
1
10
100
10
100
1,000
VDS - Volts
TJ = 150
oC
TC = 25
oC
Single Pulse
100μs
RDS(on) Limit
10ms
100ms
DC
25μs
1ms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com