Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP7612 Datasheet(PDF) 7 Page - Exar Corporation

Part # MP7612
Description  Octal 12-Bit DAC Array D/A Converter with Output Amplifier and Serial Data/Address uP Control Logic
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7612 Datasheet(HTML) 7 Page - Exar Corporation

Back Button MP7612 Datasheet HTML 3Page - Exar Corporation MP7612 Datasheet HTML 4Page - Exar Corporation MP7612 Datasheet HTML 5Page - Exar Corporation MP7612 Datasheet HTML 6Page - Exar Corporation MP7612 Datasheet HTML 7Page - Exar Corporation MP7612 Datasheet HTML 8Page - Exar Corporation MP7612 Datasheet HTML 9Page - Exar Corporation MP7612 Datasheet HTML 10Page - Exar Corporation MP7612 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MP7612
7
Rev. 3.00
A3
A2
A1
A0
D11
D10
D9
D8
D7
D6
D0
1
0
SDI
(Data In)
CLK
LD
SDO
VOUT
Previous Data
DAC Register
Loaded
A3 (1)
1
0
1
0
1
0
Figure 1. Serial Data Timing and Loading
1
0
SDI
SDO
CLK
LD
VOUT
tCH
tCL
tPD
tDH
tDS
tLDSU
tHZ1
tHZ2
HIGH Z
tLDCK
tCKLD1
tLD
tSD
+1/2 LSB Band
RST
tCKLD2
Figure 2. Serial Data Input Timing (RST = “1”)
1
0
1
0
1
0
+FS
–FS
tPR
1
+1/2 LSB Error Band
0
VOUT
VOUT = 0 V
Figure 3. Reset Operation
Notes:
(1)
CLK should be high during the falling edge of LD to insure proper function of the shift register.
Note: Reset settling time is <tSD
Notes:
(1)
Because A3 is available immediately after 16th clock edge of DATA Shift-in, only 15 clock cycles are needed to
complete the readback.
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com