Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJWI06C Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MJWI06C
Description  DC-DC Power Module 6W
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MJWI06C Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MJWI06C Datasheet HTML 1Page - Minmax Technology Co., Ltd. MJWI06C Datasheet HTML 2Page - Minmax Technology Co., Ltd. MJWI06C Datasheet HTML 3Page - Minmax Technology Co., Ltd. MJWI06C Datasheet HTML 4Page - Minmax Technology Co., Ltd. MJWI06C Datasheet HTML 5Page - Minmax Technology Co., Ltd. MJWI06C Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MJWI06C SERIES
DC-DC Power Module 6W
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2018/10/08 REV:6
Page 2 of 6
®
Input Specifications
Parameter
Conditions / Model
Min.
Typ.
Max.
Unit
Input Surge Voltage (1 sec. max.)
24V Input Models
-0.7
---
50
VDC
48V Input Models
-0.7
---
100
Start-Up Threshold Voltage
24V Input Models
---
---
9
48V Input Models
---
---
18
Under Voltage Shutdown
24V Input Models
---
8
---
48V Input Models
---
16
---
Start Up Time (Power On)
Nominal Vin and Constant Resistive Load
---
30
---
ms
Input Filter
All Models
Internal Pi Type
Remote On/Off Control
Parameter
Conditions
Min.
Typ.
Max.
Unit
Converter On
3.5V ~ 12V or Open Circuit
Converter Off
0~1.2V or Short Circuit (Pin 1 and Pin 2)
Control Input Current (on)
Vctrl = 5V
---
---
500
μA
Control Input Current (off)
Vctrl = 0V
---
---
-500
μA
Control Common
Referenced to Negative Input
Standby Input Current
---
2.5
---
mA
Output Specifications
Parameter
Conditions / Model
Min.
Typ.
Max.
Unit
Output Voltage Setting Accuracy
---
---
±2.0
%Vnom.
Output Voltage Balance
Dual Output, Balanced Loads
---
---
±2.0
%
Line Regulation
Vin=Min. to Max. @Full Load
---
---
±0.5
%
Load Regulation
Io=0% to 100%
---
---
±0.5
%
Load Cross Regulation (Dual Output
Models)
Asymmetrical Load 25/100% Full Load
---
---
±5.0
%
Minimum Load
No minimum Load Requirement
Ripple & Noise
0-20 MHz Bandwidth
24V & ±24V & 48V Output Models
---
180
---
mV P-P
Other Output Models
---
75
---
mV P-P
Transient Recovery Time
25% Load Step Change
---
---
500
μsec
Transient Response Deviation
---
±3
±5
%
Temperature Coefficient
---
±0.01
±0.02
%/℃
Over Load Protection
Hiccup
---
150
---
%
Short Circuit Protection
Hiccup Mode 0.3Hz typ., Automatic Recovery
General Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage
60 Seconds
3000
---
---
VDC
I/O Isolation Resistance
500 VDC
1000
---
---
MΩ
I/O Isolation Capacitance
100KHz, 1V
---
2200
---
pF
Switching Frequency
---
370
---
kHz
MTBF (calculated)
MIL-HDBK-217F@25℃, Ground Benign
4,166,765
---
---
Hours
Safety Approvals
UL/cUL 62368-1 recognition(UL certificate), IEC/EN 62368-1 & 60950-1(CB report)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com