Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPDD013K Datasheet(PDF) 2 Page - Green Power Solutions srl

Part # GPDD013K
Description  RECTIFIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GPDD013K Datasheet(HTML) 2 Page - Green Power Solutions srl

  GPDD013K Datasheet HTML 1Page - Green Power Solutions srl GPDD013K Datasheet HTML 2Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RECTIFIER DIODE
GPDD013K
Ordering information GPDD013K-VV
VV: blocking voltage / 100 (e.g. 04 for 400V)
Document GPDD013KT002
0
10
20
30
40
50
60
70
80
90
1
10
100
Number of cycle current pulses [n]
Maximum surge current
d.s. cooled
0.000
0.001
0.002
0.003
0.004
0.005
0.006
0.007
0.001
0.01
0.1
1
10
100
Time [s]
Thermal Impedance (j-c)
0
5000
10000
15000
20000
25000
0.4
0.6
0.8
1
1.2
1.4
V
F [V]
Forward voltage drop
Tj=Tjmax
60
80
100
120
140
160
180
200
0
2500
5000
7500
10000 12500 15000
I
F [A]
Current rating - sine wave
180
°
90
°
120
°
60
°
30
°
0
4000
8000
12000
16000
20000
0
2500
5000
7500
10000 12500 15000
I
F [A]
Power loss - sine wave
180
°
120
°
90
°
60
°
30
°
In the interest of product improvement Green Power Solutions reserves the right to change any specification given in this data sheet
without notice.
dimensions mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com