Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL-7800-3-R18X Datasheet(PDF) 2 Page - RENCO ELECTRONICS, INC.

Part # RL-7800-3-R18X
Description  MULTI-LAYER CERAMIC CHIP INDUCTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENCO [RENCO ELECTRONICS, INC.]
Direct Link  https://www.rencousa.com/
Logo RENCO - RENCO ELECTRONICS, INC.

RL-7800-3-R18X Datasheet(HTML) 2 Page - RENCO ELECTRONICS, INC.

  RL-7800-3-R18X Datasheet HTML 1Page - RENCO ELECTRONICS, INC. RL-7800-3-R18X Datasheet HTML 2Page - RENCO ELECTRONICS, INC. RL-7800-3-R18X Datasheet HTML 3Page - RENCO ELECTRONICS, INC. RL-7800-3-R18X Datasheet HTML 4Page - RENCO ELECTRONICS, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Toll Free Engineering Hot Line: 800.645.5828 • P: 321.637.1000 • F: 321.637.1600
595 International Place, Rockledge, FL 32955-4200 USA • www.rencousa.com • ISO 9001 Certified
RENCO ELECTRONICS INC.
RL-7800-1
Renco Part No.
RL-7800-1
EIA
Size
L
(nH)
DCR
Max.
(Ohms)
SRF
(MHz)
Min.
SRF
(MHz)
Typ.
Q
Min.
100 300 500 800 1000
Testing
Freq.
(MHz)
Irms
(mA)
Max.
RL-7800-1-1N0S
0402
1.0±0.3nH
0.08
10000
>13000
8
11
20
26
34
39
100
300
RL-7800-1-1N2S
0402
1.2±0.3nH
0.09
10000
>13000
8
11
20
26
34
39
100
300
RL-7800-1-1N5S
0402
1.5±0.3nH
0.10
6000
>13000
8
11
20
26
34
39
100
300
RL-7800-1-1N8S
0402
1.8±0.3nH
0.12
6000
11000
8
11
18
24
30
35
100
300
RL-7800-1-2N2S
0402
2.2±0.3nH
0.13
6000
10000
8
10
17
24
29
35
100
300
RL-7800-1-2N7S
0402
2.7±0.3nH
0.13
6000
9000
8
10
17
23
29
34
100
300
RL-7800-1-3N3X
0402 3.3±10% or
±0.3nH
0.16
6000
8000
8
10
17
23
28
34
100
300
RL-7800-1-3N9X
0402 3.9±10% or
±0.3nH
0.21
4000
7000
8
10
17
23
28
33
100
300
RL-7800-1-4N7X
0402 4.7±10% or
±0.3nH
0.21
4000
6000
8
10
17
23
28
33
100
300
RL-7800-1-5N6X
0402 5.6±10% or
±0.3nH
0.23
4000
5700
8
10
17
22
28
33
100
300
RL-7800-1-6N8X
0402 6.8±10% or
±5%
0.25
3900
5500
8
10
16
22
27
33
100
300
RL-7800-1-8N2X
0402 8.2±10% or
±5%
0.28
3600
4900
8
10
17
22
28
32
100
300
RL-7800-1-10NX
0402
10±10% or
±5%
0.31
3200
4300
8
10
17
22
30
32
100
300
RL-7800-1-12NX
0402
12±10% or
±5%
0.40
2700
3900
8
11
18
24
31
34
100
300
RL-7800-1-15NX
0402
15±10% or
±5%
0.46
2300
3500
8
11
18
24
30
33
100
300
RL-7800-1-18NX
0402
18±10% or
±5%
0.55
2100
3100
8
11
18
24
30
32
100
300
RL-7800-1-22NX
0402
22±10% or
±5%
0.60
1900
2800
8
11
18
24
30
31
100
300
RL-7800-1-27NX
0402
27±10% or
±5%
0.70
1600
2300
8
11
18
23
27
29
100
300
RL-7800-1-33NX
0402
33±10% or
±5%
0.80
1300
1900
8
11
18
22
25
25
100
200
RL-7800-1-39NX
0402
39±10% or
±5%
0.90
1200
1700
8
11
18
22
24
23
100
200
RL-7800-1-47NX
0402
47±10% or
±5%
1.00
1000
1500
8
11
18
21
23
21
100
200
Q TYPICAL (MHz)
DC BIAS, FREQ Vs IMPEDANCE & Q CHARACTERISTICS
100
10
1
1
100
1000
FREQUENCY (MHz)
4.7nN
7nN
2.2nN
1.2nN
22nN
16nN
18nN
80
60
40
20
1
1
100
1000
FREQUENCY (MHz)
1.2nN
1nN
NOTES:
1. ELECTRICAL SPECIFICATIONS MEASURED AT 25ºC
2. Irms - CURRENT THAT CAUSES THE TEMPERATURE TO RISE APPROX. 40ºC ABOVE AMBIENT OF 25ºC
3. TEST EQUIPMENT: RF IMPEDANCE ANALYZER HP4291A + HP4195A
(1) SERIES NAME
(2) DIMENSIONS
(3) INDUCTANCE CODE
(4) TOLERANCE CODE
S = ±0.3 nH
J = ±5%
K = ±10%
RL-7800 -2 4N7 K
(1)
(2) (3) (4)
PART NUMBER IDENTIFICATION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com