Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBPC35005T Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # KBPC35005T
Description  Single Phase Silicon Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

KBPC35005T Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  KBPC35005T Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. KBPC35005T Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. KBPC35005T Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 50 V - 400 V
IO = 35 A
Features
KBPC-T/W Package
Mechanical Data
Parameter
Symbol
KBPC35005T/W KBPC3501T/W
Unit
Repetitive peak reverse voltage
VRRM
50
100
V
RMS reverse voltage
VRMS
35
70
V
DC blocking voltage
VDC
50
100
V
Operating temperature
Tj
-55 to 150
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
-55 to 150
°C
Parameter
Symbol
KBPC35005T/W KBPC3501T/W
Unit
Maximum average forward rectified
current
IO
35
35
A
Peak forward surge current
IFSM
400
400
A
Maximum instantaneous forward
voltage per leg
1.1
1.1
5
5
500
500
Typical junction capacitance
1
Cj
300
300
pF
Thermal characteristics
Typical thermal resistance
2
RΘJC
1.4
1.4
°C/W
1 - Measured ay 1 MHz and applied reverse voltage of 4.0 V D.C.
2 - Device mounted on 300 mm x 300 mm x 1.6 mm Cu plate heatsink
V
Electrical characteristics at Tc = 25 °C, unless otherwise specified
500
-55 to 150
-55 to 150
-55 to 150
VF
1.1
1.1
KBPC3502T/W
5
Single Phase Silicon
Bridge Rectifier
• High efficiency
• Metal case
Case: Mounted in the bridge encapsulation
Conditions
• Not ESD Sensitive
• Silicon junction
Mounting: Hole for #10 screw
• Types from 50 V to 400 V V
RRM
KBPC35005T/W thru KBPC3504T/W
Tc = 25 °C
IF = 17.5 A
Conditions
KBPC3504T/W
200
140
KBPC3502T/W
-55 to 150
Maximum ratings at Tc = 25 °C, unless otherwise specified (KBPCXXXXT uses KBPC-T package while KBPCXXXXW
uses KBPC-W package)
Polarity: Marked on case
Maximum DC reverse current at
rated DC blocking voltage per leg
IR
Tc = 100 °C
μA
5
400
280
400
200
Single phase, half sine wave, 60 Hz, resistive or inductive load
For capacitive load derate current by 20%
Tc = 55 °C
35
35
8.3 ms half sine-wave
400
400
KBPC3504T/W
300
300
1.4
1.4
500
1
Oct. 2018
http://www.diodemodule.com/silicon_products/bridge_rectifiers/kbpc35005tw.pdf


Similar Part No. - KBPC35005T

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
KBPC35005T GENESIC-KBPC35005T Datasheet
333Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC35005T GENESIC-KBPC35005T Datasheet
336Kb / 3P
Single Phase Silicon Bridge Rectifier
logo
America Semiconductor, ...
KBPC35005T/W AMERICASEMI-KBPC35005T/W Datasheet
662Kb / 2P
BRIDGE RECTIFIERS
logo
GeneSiC Semiconductor, ...
KBPC35005TW GENESIC-KBPC35005TW Datasheet
333Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC35005TW GENESIC-KBPC35005TW Datasheet
336Kb / 3P
Single Phase Silicon Bridge Rectifier
More results

Similar Description - KBPC35005T

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR605 RECTRON-BR605 Datasheet
22Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC35005 CHENYI-KBPC35005 Datasheet
182Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
BR3505 LUGUANG-BR3505 Datasheet
291Kb / 2P
Single-phase Silicon Bridge Rectifier
logo
GeneSiC Semiconductor, ...
BR106 GENESIC-BR106_16 Datasheet
289Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC25005TW GENESIC-KBPC25005TW_16 Datasheet
338Kb / 3P
Single Phase Silicon Bridge Rectifier
KBU10005 GENESIC-KBU10005_16 Datasheet
297Kb / 3P
Single Phase Silicon Bridge Rectifier
BR86 GENESIC-BR86_18 Datasheet
409Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC1506T GENESIC-KBPC1506T Datasheet
597Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC15005T GENESIC-KBPC15005T Datasheet
597Kb / 3P
Single Phase Silicon Bridge Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com