Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3C5872 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3C5872
Description  Plenum 4.1/9.5 Mini DIN Male to QMA Male Right Angle Low PIM Cable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C5872 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C5872 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C5872 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C5872 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C5872 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C5872 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE3C5872 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
2
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
5.8
GHz
VSWR
1.4:1
Velocity of Propagation
76
%
RF Shielding
100
dB
Passive Intermodulation
-145
dBc
Capacitance
27 [88.58]
pF/ft [pF/m]
Inductance
0.067 [0.22]
uH/ft [uH/m]
DC Resistance Inner Conductor
3 [9.84]
Ω/1000ft [Ω/Km]
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
0.45
0.7
1
2.5
5.8
GHz
Insertion Loss (Max.)
0.038
0.048
0.057
0.094
0.148
dB/ft
0.12
0.16
0.19
0.31
0.49
dB/m
.
Electrical Specification Notes:
Insertion loss does not include the loss of the connectors. Insertion loss is estimated as 0.04*SQRT(FGHz) dB per
connector.
Mechanical Specifications
Cable Assembly
.
Cable
Cable Type
SPP-250-LLPL
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper
Dielectric Type
PTFE
Number of Shields
1
Outer Conductor Material and Plating
Copper
Jacket Material
FEP, Blue
Jacket Diameter
0.28 in [7.11 mm]
.
One Time Minimum Bend Radius
1.25 in [31.75 mm]
Bending Moment
0.8 lbs-ft [1.08 N-m]
PE3C5872 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Plenum 4.1/9.5 Mini DIN Male to QMA Male Right Angle Low PIM Cable Using SPP-250-LLPL
Coax , LF Solder PE3C5872
RF Cable Assemblies Technical Data Sheet
PE3C5872
Plenum 4.1/9.5 Mini DIN Male to QMA Male Right Angle
Low PIM Cable Using SPP-250-LLPL Coax , LF Solder



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com