Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3M0147 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE3M0147
Description  Temperature Conditioned SMA Female Bulkhead to TNC Female Bulkhead Low Loss Cable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3M0147 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3M0147 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3M0147 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3M0147 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3M0147 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3M0147 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE3M0147 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE3M0147 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
3
Mechanical Specifications
Cable Assembly
Description
Minimum
Typical
Maximum
Units
Cable Outer Diameter
0.19
0.195
0.2
in
Weight
0.13 [58.97]
lbs [g]
.
Cable Characteristics
Description
Specification
Cable Type
PE-P142LL
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper, Silver
Dielectric Type
Expanded PTFE Tape
Number of Shields
3
Shield Layer 1
Silver Plated Copper Tape
Shield Layer 2
Aluminum Polyester
Shield Layer 3
Silver Plated Copper Wire
Jacket Material
FEP
.
Connector Characteristics
Description
Connector 1
Connector 2
Type
SMA Female Bulkhead
TNC Female Bulkhead
Specification
MIL-STD-348
MIL-STD-348
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Beryllium Copper, Gold over Nickel
Beryllium Copper, Gold over Nickel
Contact Plating Specification
50 µin minimum
50 µin minimum
Dielectric Type
PTFE
PTFE
Outer Conductor Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
Outer Conductor Plating Specification
SAE-AMS-2700
SAE-AMS-2700
Body Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
Body Plating Specification
SAE-AMS-2700
SAE-AMS-2700
Contact Gage Specification
0.000 to 0.010 in
0.187 in min
Insulator Gage Specification
0.000 in min
0.188 to 0.208 in
.
Mechanical Specification Notes:
PE3M0147 REV 1.2
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Temperature Conditioned SMA Female Bulkhead to TNC Female Bulkhead Low Loss Cable
Using PE-P142LL Coax PE3M0147
RF Cable Assemblies Technical Data Sheet
Temperature Conditioned SMA Female Bulkhead to TNC
Female Bulkhead Low Loss Cable Using PE-P142LL Coax
PE3M0147



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com