Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLGE4-252R Datasheet(PDF) 2 Page - Mini-Circuits

Part # BLGE4-252R
Description  RF Transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

BLGE4-252R Datasheet(HTML) 2 Page - Mini-Circuits

  BLGE4-252R Datasheet HTML 1Page - Mini-Circuits BLGE4-252R Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
50Ω
2400 to 2500 MHz
1:4 Ratio
RF Transformer
BLGE4-252R+
Maximum Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature*
-55°C to 100°C
Input RF Power
2W
Electrical Specifications at 25°C
REV. OR
M172548
BLGE4-252R+
AV/CP/AM
190208
Typical Performance Data at 25°C**
Features
• low phase unbalance, 4 deg.
and amplitude unbalance, 0.4 dB typ.
• miniature size 0805 (2.0x1.2 mm)
• LTCC construction
• low cost
• aqueous washable
Applications
• ISM Band
• WLAN/Wi-Fi
• Bluetooth
• Zigbee
Ceramic Balun
Outline Drawing
FREQUENCY
(GHz)
INSERTION
LOSS
(dB)
INPUT
R. LOSS
(dB)
AMPLITUDE
UNBALANCE
(dB)
PHASE
UNBALANCE
(Deg.)
* Tested on Evaluation Board TB-BLGE4-252R+
0.4
0.5
0.6
0.7
0.8
2.40
2.42
2.44
2.46
2.48
2.50
FREQUENCY (GHz)
BLGE4-252R+
INSERTION LOSS
0.0
0.1
0.2
0.3
0.4
2.40
2.42
2.44
2.46
2.48
2.50
FREQUENCY (GHz)
BLGE4-252R+
AMPLITUDE UNBALANCE
0
1
2
3
4
2.40
2.42
2.44
2.46
2.48
2.50
FREQUENCY (GHz)
BLGE4-252R+
PHASE UNBALANCE
** Measured with Agilent E5071B network analyzer using impedance conversion and port extension.
Evaluation Board MCL P/N: TB-BLGE4-252R+
Suggested PCB Layout (PL-264)
Pad Connections
PRIMARY DOT (Unbalanced Port)
1
PRIMARY (GND) or DC Feed
2
SECONDARY DOT (Balanced)
3
SECONDARY (Balanced)
4
NO CONNECTION
6
NOT USED (GND Externally)
5
Outline Dimensions (
)
inch
mm
2.40
0.57
17.95
0.23
2.32
2.41
0.55
18.85
0.25
2.38
2.42
0.54
19.85
0.26
2.42
2.43
0.53
20.98
0.27
2.45
2.44
0.51
22.23
0.29
2.52
2.45
0.50
23.68
0.30
2.60
2.46
0.50
25.38
0.30
2.71
2.47
0.49
27.45
0.31
2.83
2.48
0.48
30.13
0.32
2.94
2.49
0.48
33.83
0.33
3.02
2.50
0.47
39.18
0.34
3.08
Available Tape
and Reel
at no extra cost
Reel Size
Devices/Reel
7”
20, 50, 100, 200, 500,1000, 4000
Suggested Layout,
Tolerance to be within±.002
PCB Land Pattern
A
BC
D
E
F
.079
.049
.037
.014
.012
.012
2.0
1.24
0.94
0.36
0.30
0.30
GH
J
K
wt
.026
.014
.039
.110
grams
0.66
0.36
1.00
2.80
.008
Parameter
Frequency (MHz)
Min.
Typ.
Max.
Unit
Impedance Ratio
4
Frequency Range
2400
—
2500
MHz
Insertion Loss*
2400 - 2500
—
0.5
1.2
dB
Amplitude Unbalance
2400 - 2500
—
0.4
1.6
dB
Phase Unbalance†
2400 - 2500
—
4
10
Degree
Unbalance Return Loss
2400 - 2500
11
25
—
dB
*Refer to product storage temperature after installation.
Suggestion for T&R unused product storage condition: +5~+35°C,
Humidity 45~75%RH, 12 Month max.
Permanent damage may occur if any of these limits are exceeded.
Configuration J
NO
CONNECTION*
PRI
SEC
*Internal open circuit
CASE STYLE: GE0805C-9
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Pads 2,3,4 are DC-connected internally



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com