Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C9827HT Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # C9827HT
Description  High Performance Pentium 4 Clock Synthesizer
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

C9827HT Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button C9827HT Datasheet HTML 4Page - Cypress Semiconductor C9827HT Datasheet HTML 5Page - Cypress Semiconductor C9827HT Datasheet HTML 6Page - Cypress Semiconductor C9827HT Datasheet HTML 7Page - Cypress Semiconductor C9827HT Datasheet HTML 8Page - Cypress Semiconductor C9827HT Datasheet HTML 9Page - Cypress Semiconductor C9827HT Datasheet HTML 10Page - Cypress Semiconductor C9827HT Datasheet HTML 11Page - Cypress Semiconductor C9827HT Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
C9827H
High Performance Pentium® 4 Clock Synthesizer
Cypress Semiconductor Corporation
http://www.cypress.com
Document#: 38-07106 Rev. *A
12/26/2002
Page 8 of 25
Approved Product
AC Parameters (Cont.)
66 MHz
100 MHz
133 MHz
200 MHz
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Min
Max
Units
Notes
TDC
66B(0:2) Duty
Cycle
45
55
45
55
45
55
45
55
%
2, 4
Tr / Tf
66B(0:2) rise and
fall times
0.5
2.0
0.5
2.0
0.5
2.0
0.5
2.0
nS
2, 3
TSKEW
Any 66B to any
66B Skew
-
175
-
175
-
175
175
pS
2, 4
Tpd
66IN to 66B(0:2)
propagation delay
2.5
4.5
2.5
4.5
2.5
4.5
2.5
4.5
nS
2, 4
TCCJ
66B(0:2) Cycle to
Cycle Jitter
-
100
-
100
-
100
-
100
pS
2, 4, 18
TDC
PCI_F(0:2) PCI
(0:6) Duty Cycle
45
55
45
55
45
55
45
55
%
2, 4
TPeriod
PCI_F(0:2) PCI
(0:6) period
30.0
-
30.0
-
30.0
-
30
-
nS
1, 2, 4
THIGH
PCI_F(0:2) PCI
(0:6) high time
12.0
-
12.0
-
12.0
-
12.0
-
nS
19
TLOW
PCI_F(0:2) PCI
(0:6) low time
12.0
-
12.0
-
12.0
-
12.0
-
nS
20
Tr / Tf
PCI_F(0:2) PCI
(0:6) rise and fall
times
0.5
2.0
0.5
2.0
0.5
2.0
0.5
2.0
nS
3
TSKEW
Any PCI clock to
Any PCI clock
Skew
-
500
-
500
-
500
-
500
pS
2, 4
TCCJ
PCI_F(0:2) PCI
(0:6) Cycle to
Cycle Jitter
-
250
-
250
-
250
-
250
pS
2, 4
TDC
USB48M Duty
Cycle
45
55
45
55
45
55
45
55
%
2, 4
TPeriod
USB48M period
20.8299
20.8333
20.8299
20.8333
20.8299
20.8333
20.8299
20.8333
nS
2, 4
Tr / Tf
USB48M rise and
fall times
1.0
2.0
1.0
2.0
1.0
2.0
1.0
2.10
nS
2, 3
TCCJ
USB48M Cycle to
Cycle Jitter
-
350
-
350
-
350
-
350
pS
1, 2, 4
TDC
DOT48 Duty
Cycle
45
55
45
55
45
55
45
55
%
2, 4
TPeriod
DOT48 period
20.837
20.837
20.837
20.837
nS
2, 4
Tr / Tf
DOT48 rise and
fall times
0.5
1.0
0.5
1.0
0.5
1.0
0.5
1.0
nS
2, 4
TCCJ
DOT48Cycle to
Cycle Jitter
-
350
-
350
-
350
-
350
pS
2, 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com