Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY2000 Datasheet(PDF) 2 Page - Bytesonic Electronics Co., Ltd.

Part # BY2000
Description  5.0 AMP HIGH VOLTAGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYTESONIC [Bytesonic Electronics Co., Ltd.]
Direct Link  http://www.bytesonic.com/en/index.php
Logo BYTESONIC - Bytesonic Electronics Co., Ltd.

BY2000 Datasheet(HTML) 2 Page - Bytesonic Electronics Co., Ltd.

  BY2000 Datasheet HTML 1Page - Bytesonic Electronics Co., Ltd. BY2000 Datasheet HTML 2Page - Bytesonic Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.1
1.0
10
100
RATING AND CHARACTERISTIC CURVES ( BY2000 )
FIG.3 - TYPICAL REVERSE
CHARACTERISTICS
PERCENTAGE RATED PEAK REVERSE VOLTAGE
0
20
40
60
80
100 120 140
.01
Tj=100 C
Tj=25 C
0.1
1.0
.01
10
50
FIG.1-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
1.2 1.4
1.6
1.8
2.0
2.2
2.4
2.6
3.0
Tj=25 C
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
2
.5
5
.0
0
20
40
60
80
100
120
140
160
180
200
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0.375"(9.5mm) Lead Length
AMBIENT TEMPERATURE ( C)
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
75
0
150
225
3
00
250
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
140
120
100
80
60
40
20
0
.01
.05
.1
.5
1
5
10
50
100
Version 1.0
2018/12/21
http://www.bytesonic.com.tw/
5.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com