Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4111BCPZ Datasheet(PDF) 58 Page - Analog Devices

Part # AD4111BCPZ
Description  Single Supply, 24-Bit, Sigma-Delta ADC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4111BCPZ Datasheet(HTML) 58 Page - Analog Devices

Back Button AD4111BCPZ Datasheet HTML 51Page - Analog Devices AD4111BCPZ Datasheet HTML 52Page - Analog Devices AD4111BCPZ Datasheet HTML 53Page - Analog Devices AD4111BCPZ Datasheet HTML 54Page - Analog Devices AD4111BCPZ Datasheet HTML 55Page - Analog Devices AD4111BCPZ Datasheet HTML 56Page - Analog Devices AD4111BCPZ Datasheet HTML 57Page - Analog Devices AD4111BCPZ Datasheet HTML 58Page - Analog Devices AD4111BCPZ Datasheet HTML 59Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 58 / 59 page
background image
AD4111
Data Sheet
Rev. A | Page 58 of 59
GAIN REGISTER 0
Address: 0x38, Reset: 0x5XXXX0, Name: GAIN0
The gain (full-scale) registers are 24-bit registers that can be used to compensate for any gain error in the ADC or in the system.
Table 40. Bit Descriptions for GAIN0
Bits
Bit Name
Settings
Description
Reset1
Access
[23:0]
GAIN0
Gain calibration coefficient for Setup 0.
0x5XXXX0
RW
1
X means don’t care.
GAIN REGISTER 1 TO GAIN REGISTER 7
Address: 0x39 to 0x3F, Reset: 0x5XXXX0, Name: GAIN1 to GAIN7
The remaining seven gain registers share the same layout as Gain Register 0.
Table 41. GAIN1 to GAIN7 Register Map
Reg.
Name
Bits
Bits[23:0]
Reset1
RW
0x39
GAIN1
[23:0]
GAIN1[23:0]
0x5XXXX0
RW
0x3A
GAIN2
[23:0]
GAIN2[23:0]
0x5XXXX0
RW
0x3B
GAIN3
[23:0]
GAIN3[23:0]
0x5XXXX0
RW
0x3C
GAIN4
[23:0]
GAIN4[23:0]
0x5XXXX0
RW
0x3D
GAIN5
[23:0]
GAIN5[23:0]
0x5XXXX0
RW
0x3E
GAIN6
[23:0]
GAIN6[23:0]
0x5XXXX0
RW
0x3F
GAIN7
[23:0]
GAIN7[23:0]
0x5XXXX0
RW
1
X means don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com