Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9176 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9176
Description  Dual, 16-Bit, 12.6 GSPS RF DAC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9176 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9176 Datasheet HTML 17Page - Analog Devices AD9176 Datasheet HTML 18Page - Analog Devices AD9176 Datasheet HTML 19Page - Analog Devices AD9176 Datasheet HTML 20Page - Analog Devices AD9176 Datasheet HTML 21Page - Analog Devices AD9176 Datasheet HTML 22Page - Analog Devices AD9176 Datasheet HTML 23Page - Analog Devices AD9176 Datasheet HTML 24Page - Analog Devices AD9176 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 151 page
background image
Data Sheet
AD9176
Rev. A | Page 21 of 151
–140
–120
–100
–80
–60
–40
–20
0
0
500
1000
1500
2000
2500
3000
3500
4000
4500
fOUT (MHz)
0dBFS
–7dBFS
–12dBFS
–17dBFS
Figure 15. Second Harmonic (SFDR) vs. fOUT over Digital Scale (Mode 12),
8 GHz DAC Sample Rate, Channel Interpolation 1×, Main Interpolation
2×, 12-Bit Resolution
–140
–120
–100
–80
–60
–40
–20
0
0
500
1000
1500
2000
2500
3000
3500
4000
4500
fOUT (MHz)
0dBFS
–7dBFS
–12dBFS
–17dBFS
Figure 16. Third Harmonic (SFDR) vs. fOUT over Digital Scale (Mode 12),
8 GHz DAC Sample Rate, Channel Interpolation 1×, Main Interpolation
2×, 12-Bit Resolution
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
500
1000
1500
2000
2500
3000
3500
4000
4500
fOUT (MHz)
0dBFS
–7dBFS
–12dBFS
–17dBFS
Figure 17. Worst Harmonic (SFDR) vs. fOUT over Digital Scale (Mode 12),
8 GHz DAC Sample Rate, Channel Interpolation 1×, Main Interpolation
2×, 12-Bit Resolution
–120
–100
–80
–60
–40
–20
0
0
1000
2000
3000
4000
5000
6000
7000
fOUT (MHz)
0dBFS
–7dBFS
–12dBFS
–17dBFS
Figure 18. Second Harmonic (SFDR) vs. fOUT over Digital Scale (Mode 9),
12 GHz DAC Sample Rate, Channel Interpolation 1×, Main Interpolation 8×
–120
–100
–80
–60
–40
–20
0
0
1000
2000
3000
4000
5000
6000
7000
fOUT (MHz)
0dBFS
–7dBFS
–12dBFS
–17dBFS
Figure 19. Third Harmonic (SFDR) vs. fOUT over Digital Scale (Mode 9),
12 GHz DAC Sample Rate, Channel Interpolation 1×, Main Interpolation 8×
–120
–100
–80
–60
–40
–20
0
0
1000
2000
3000
4000
5000
6000
7000
fOUT (MHz)
0dBFS
–7dBFS
–12dBFS
–17dBFS
Figure 20. Second Harmonic (SFDR) vs. fOUT over Digital Scale (Mode 10),
12 GHz DAC Sample Rate, Channel Interpolation 1×, Main Interpolation 4×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com