Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF41513 Datasheet(PDF) 24 Page - Analog Devices

Part # ADF41513
Description  26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF41513 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADF41513 Datasheet HTML 20Page - Analog Devices ADF41513 Datasheet HTML 21Page - Analog Devices ADF41513 Datasheet HTML 22Page - Analog Devices ADF41513 Datasheet HTML 23Page - Analog Devices ADF41513 Datasheet HTML 24Page - Analog Devices ADF41513 Datasheet HTML 25Page - Analog Devices ADF41513 Datasheet HTML 26Page - Analog Devices ADF41513 Datasheet HTML 27Page - Analog Devices ADF41513 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
ADF41513
Data Sheet
Rev. 0 | Page 24 of 30
REGISTER 8 (R8) MAP
Set all reserved bits to zero.
REGISTER 9 (R9) MAP
Lock Detector Bias
The lock detector window size is set by adjusting the lock
detector bias in conjunction with the lock detector precision
bits (Register 6, Bits[9:8]). See the Lock Detector section.
0
RESERVED REGISTER (R8)
RESERVED
CONTROL
BITS
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8 DB7
DB6 DB5 DB4 DB3 DB2
DB1
DB0
C3(0)
C4(1)
C2(0) C1(0)
Figure 31. Register 8 (R8) Map
LB1
LOCK DETECTOR BIAS REGISTER (R9)
RESERVED
CONTROL
BITS
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
LB2
LB2
LOCK DETECTOR BIAS
0
40µA
1
LB1
0
1
10µA
1
0
20µA
0
1
30µA
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
C3(0)
C4(1)
C2(0) C1(1)
Figure 32. Register 9 (R9) Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com