Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM1593 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1593
Description  Distributed Power Systems
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1593 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1593 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1593 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1593 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1593 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1593 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1593 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1593 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
REV: 0.3
4 / 7
ELECTRICAL CHARATERISTICS
VIN = 24V, TA = 25ºC, unless otherwise stated.(
HM1593-51)
Item
Symbol
Condition
Min. Typ. Max.
Units
VIN Undervoltage Lockout Thershold
VIN_MIN
VIN falling
7
7.5
8
V
VIN Undervoltage Lockout Hysteresis VIN_MIN_HYST
VIN rising
100
mV
VIN Overvoltage Lockout Thershold
VIN_MAX
VIN falling
30
31
32
V
VIN Overvoltage Lockout Hysteresis
VIN_MAX_HYST
VIN rising
100
mV
Supply Current
IQ
VEN=24V, VFB=5.1V
2.5
mA
Feedback Voltage
VFB
8V<VVIN<28V
5.0
5.1
5.2
V
Top Switch Resistance
RDS(ON)T
400
mΩ
Bottom Switch Resistance
RDS(ON)B
200
mΩ
Top Switch Leakage Current
ILEAK_TOP
VIN=24V,VSW=0V
1
uA
Bottom Switch Leakage Current
ILEAK_BOT
VIN= VSW = 24V
1
uA
Top Switch Current Limit
ILIM_TOP
Minimum Duty Cycle
1
A
Switch Frequency
FSW
400K
kHz
Minimum On Time
TON_MIN
200
ns
Minimum Off Time
TOFF_MIN
VFB=0V
200
ns
Thermal Shutdown
TTSD
150
°C
TYPICAL PERFORMANCE CHARACTERISTICS
(L = 22μH, TA = 25ºC, unless otherwise noted.)
HM1593



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com