Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM2490 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2490
Description  2.5A CC or CV BUCK 2.5A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2490 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2490 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2490 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2490 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2490 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2490 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2490 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2490 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2490 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2490 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
TYPICAL PERFORMANCE CHARACTERISTICS
C1=C2=4.7μF, C4=0.22μF, C5=C6=10μF, L=10μH, TA=25ºC, unless otherwise noted
0.1
1
10
50
55
60
65
70
75
80
85
90
95
100
VOUT=5V
LOAD CURRENT (A)
VIN=8V
VIN=12V
VIN=24V
0.1
1
10
50
55
60
65
70
75
80
85
90
95
100
VOUT=3.3V
LOAD CURRENT (A)
VIN=8V
VIN=12V
VIN=24V
0.1
1
10
50
55
60
65
70
75
80
85
90
95
100
VOUT=12V
LOAD CURRENT (A)
VIN=18V
VIN=24V
HM2490
升降压或升压应用:LED驱动 (输出电压比输入电压高或低都可以)
1.
OVP设定:(1+R1/R2)×0.8=18.2V
2.
恒流设定:95mv/63mΩ=1.508A
3.
可串接3只LED(10V)或5只(16V),1.5A恒定



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com